Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431IP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TL431IP
Description  Adjustable precision shunt regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TL431IP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TL431IP Datasheet HTML 2Page - NXP Semiconductors TL431IP Datasheet HTML 3Page - NXP Semiconductors TL431IP Datasheet HTML 4Page - NXP Semiconductors TL431IP Datasheet HTML 5Page - NXP Semiconductors TL431IP Datasheet HTML 6Page - NXP Semiconductors TL431IP Datasheet HTML 7Page - NXP Semiconductors TL431IP Datasheet HTML 8Page - NXP Semiconductors TL431IP Datasheet HTML 9Page - NXP Semiconductors TL431IP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product specification
TL431C, TL431AC, TL431I,
TL431AI, LM431AC
Adjustable precision shunt regulators
1997 Feb 25
6
–50
–25
0
25
50
75
100
125
2600
2560
2500
2420
2400
Tamb – TEMPERATURE – (°C)
SL01170
Vref = 2550mV
Vref = 2495mV
Vref = 2440mV
VKA = Vref
IK = 10mA
2440
2460
2480
2520
2540
2580
Figure 6.
Reference Input Voltage vs. Temperature
100
75
50
25
0
–25
–50
–75
–100
–2
–1
0123
CATHODE VOLTAGE – (V)
SL01171
125
150
VKA = Vref
Tamb = 25°C
Figure 7.
Cathode Current vs. Cathode Voltage
800
600
400
200
0
–200
–1
012
3
VKA – CATHODE VOLTAGE – (V)
VKA = Vref
Tamb = 25°C
SL01172
Imin
Figure 8.
Cathode Current vs. Cathode Voltage
3.0
2.5
2.0
1.5
1.0
0.5
0
–75
–50
–25
0
25
50
75
100
125
R1 = 10k
R2 =
IK = 10mA
Tamb – TEMPERATURE – (°C)
SL01168
Figure 9.
Reference Input Current vs. Temperature
0
10
20
30
40
50
60
70
80
90
–75
–50
–25
0
25
50
75
100
125
VKA = 36V
Vref = 0V
Tamb – TEMPERATURE – (°C)
SL01169
Figure 10.
Off-State Cathode Current vs. Temperature
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1
–75
–50
–25
0
25
50
75
100
125
VKA = 3V TO 36V
Tamb – TEMPERATURE – (°C)
SL01173
Figure 11.
Ratio of Delta Reference Voltage to
Delta Cathode Voltage over Temperature


Similar Part No. - TL431IP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431IP MOTOROLA-TL431IP Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
logo
Texas Instruments
TL431IP TI1-TL431IP Datasheet
1Mb / 79P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
ON Semiconductor
TL431IP ONSEMI-TL431IP Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Texas Instruments
TL431IP TI1-TL431IP Datasheet
2Mb / 79P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431IP TI-TL431IP Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TL431IP

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com