Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KR52S030F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KR52S030F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KR52S030F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KR52S030F Datasheet HTML 1Page - KEC(Korea Electronics) KR52S030F Datasheet HTML 2Page - KEC(Korea Electronics) KR52S030F Datasheet HTML 3Page - KEC(Korea Electronics) KR52S030F Datasheet HTML 4Page - KEC(Korea Electronics) KR52S030F Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KR52S018M/F~
KR52S033M/F
2007. 3. 19
1/5
Revision No : 2
SEMICONDUCTOR
TECHNICAL DATA
BIPOLAR LINEAR INTEGRATED CIRCUIT
500mA POWER LOW DROPOUT REGULATOR
The KR52SXXXM/F is an efficient linear voltage regulator with very low
dropout voltage(Typically 10mV at light loads and 350mV at 500mA)
The KR52SXXXM/F can be enabled, or shut down by a CMOS or TTL
compatible signal. When disabled. power consumption drops nearly to zero.
Dropout ground current is minimized to help prolong battery life. Other key
features include reversed battery protechion, current limiting, over temperature
shutdown, and low noise performance with an ultra-low-noise option
FEATURES
High Output Voltage Accuracy : 1%
Low Quiescent Current. : IQ(OFF) =3
Very Low Ground Current : 4.0mA(IOUT = 300mA)
Low Dropout Voltage : 350mV(IOUT=500mA)
Built-in ON/OFF control Terminal
Built -in Over Current , Over Heat Protection Function
Reverse-Battery Protection
APPLICATIONS
Laptop, notebook, and palmtop computers
Cellular telephones and battery-powered equipment
Consumer and personal electronics
PC Card VCC and VPP regulation and switching
SMPS post-regulator/dc-to-dc modules
High-effciency linear power supplies
DIM
MILLIMETERS
A
B
D
E
TSV
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
B
E
H
J
J
2
3
15
4
2
3
15
4
+
_
+
_
+
_
+
_
+
_
1. INPUT
2. GND
3. ON/OFF CONTROL
4. NOISE BYPASS
5. OUTPUT
DIM
A
B
D
E
G
H
K
SOT-89-5
C
J
I
A
B
F
MILLIMETERS
C
G
H
J
K
I
54
13
2
12
3
3.00 0.03
+
_
0.42 0.03
+
_
1.50 0.03
+
_
0.47 0.03
+
_
0.31 0.02
+
_
1.50 0.07
+
_
1.60 0.10
+
_
0.90 0.08
+
_
2.50 0.05
+
_
4.50 0.10
+
_
4.30 0.15
+
_
1. BYPASS
2. GND
3. ON/OFF CONTROL
4. V
IN
5. V
OUT
* Heat sink is common to 2.GND
LINE-UP
VOUT (V)
TSV
SOT-89-5
ITEM
MARKING
ITEM
MARKING
1.8
KR52S018M
C18
* KR52S018F
E1
2.5
KR52S025M
C25
* KR52S025F
E2
2.6
KR52S026M
C26
* KR52S026F
E3
2.7
KR52S027M
C27
* KR52S027F
E4
2.8
KR52S028M
C28
* KR52S028F
E5
2.85
KR52S285M
C2J
* KR52S285F
E6
2.9
KR52S029M
C29
* KR52S029F
E7
3.0
KR52S030M
C30
* KR52S030F
E8
3.1
KR52S031M
C31
* KR52S031F
E9
3.3
KR52S033M
C33
* KR52S033F
E0
* : Under development


Similar Part No. - KR52S030F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
KR5004X STANLEY-KR5004X Datasheet
187Kb / 12P
   Single Color ?5 Round Shape Type
KR5005S STANLEY-KR5005S Datasheet
261Kb / 1P
   SINGLE COLOR LED 5mm Round Shape
logo
Panasonic Semiconductor
KR50TA251512B PANASONIC-KR50TA251512B Datasheet
202Kb / 6P
   Panasonic Industrial Company FERRITE CORES FOR NOISE REDUCTION
logo
STANLEY ELECTRIC CO.,LT...
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
KR5805S STANLEY-KR5805S Datasheet
185Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
More results

Similar Description - KR52S030F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com