Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPF401G01A Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KPF401G01A
Description  Semiconductor Pressure Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KPF401G01A Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KPF401G01A Datasheet HTML 1Page - KEC(Korea Electronics) KPF401G01A Datasheet HTML 2Page - KEC(Korea Electronics) KPF401G01A Datasheet HTML 3Page - KEC(Korea Electronics) KPF401G01A Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2007. 6. 15
2/4
KPF500G01A ~ KPF102G01A
Revision No : 2
-5.0
0
25
50
-4.0
0
1.0
4.0
5.0
2.0
3.0
-3.0
-2.0
-1.0
Temperature ( C)
Operating Input Current : 1.5mA, Spec. :
5.0 %FS
2. Temperature Coefficient of Offset (TCO)
+
_
-20
0
0
Rated Pressure (kPa)
1/2Pr
Pr
20
40
60
120
80
100
1. Full Scale Voltage Characteristics
Operating Input Current : 1.5mA, Temperature : 25 C
-2.5
0
25
50
-2.0
0
0.5
2.0
2.5
1.0
1.5
-1.5
-1.0
-0.5
Temperature ( C)
3. Temperature Coefficient of Sensitivity (TCS)
Operating Input Current : 1.5mA, Spec. :
2.5%FS
+
_
-3
0
Pressure Cycle
Offset Voltage Variation
500,000
1,000,000
-2
-1
0
3
1
2
-3
0
Pressure Cycle
Full Scale Voltage Variation
500,000
1,000,000
-2
-1
0
3
1
2
4. High Temperature continuous Operating Test
100
°C, 1 million times : After testing, offset and full scale voltage variation is very small.
CHARACTERISTIC GRAPHS
RELIABILITY TEST
ITEMS
TEST CONDITIONS
Life Test
High Temp. Storage
120
, 1000hrs
Low Temp. Storage
-40
, 1000hrs
Steady State Operating
25
5
, 1 million times, Rated Pressure
Low Temp. Operating
-20
, 1 million times, Rated Pressure
High Temp. Operating
100
, 1 million times, Rated Pressure
Temperature / Humidity Operating
40
, 90%RH, 1 million times, Rated Voltage
Environment Test
Heat Resistance
260
, 10 seconds
Temp. Cycle
-40
~120
, 30minutes/1Cycle, 100Cycles
Mechanical Test
Vibration
Amplitude : 1.5mm, Frequency : 10~55Hz,
X, Y, Z(3-directions), 2 hrs each direction
Drop
75cm height, 2 times
Lead Fatigue
Tensile Strength : 9.8N(1kgf), 10seconds
Bending Strength : 4.9N(0.5kgf), Right/Left 90 , 1time
Solderability
230
, 5 seconds


Similar Part No. - KPF401G01A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KPF401G01 KEC-KPF401G01 Datasheet
530Kb / 4P
   Semiconductor Pressure Sensor
More results

Similar Description - KPF401G01A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KPF010D04 KEC-KPF010D04 Datasheet
523Kb / 3P
   Semiconductor Pressure Sensor
KPF500G03 KEC-KPF500G03 Datasheet
521Kb / 4P
   Semiconductor Pressure Sensor
KPF102G07 KEC-KPF102G07 Datasheet
551Kb / 2P
   Semiconductor Pressure Sensor
KPF500G02A KEC-KPF500G02A Datasheet
528Kb / 4P
   Semiconductor Pressure Sensor
KPF500G03A KEC-KPF500G03A Datasheet
522Kb / 4P
   Semiconductor Pressure Sensor
KPF500G01 KEC-KPF500G01 Datasheet
530Kb / 4P
   Semiconductor Pressure Sensor
KPF500G02 KEC-KPF500G02 Datasheet
528Kb / 4P
   Semiconductor Pressure Sensor
logo
List of Unclassifed Man...
ADP1 ETC-ADP1 Datasheet
72Kb / 4P
   PRECISION SEMICONDUCTOR PRESSURE SENSOR
MQ6 ETC2-MQ6 Datasheet
179Kb / 3P
   Semiconductor Sensor for LPG
MQ3 ETC2-MQ3 Datasheet
154Kb / 3P
   Semiconductor Sensor for Alcohol
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com