Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB82DP02183C-65L Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB82DP02183C-65L
Description  32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB82DP02183C-65L Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB82DP02183C-65L Datasheet HTML 2Page - Fujitsu Component Limited. MB82DP02183C-65L Datasheet HTML 3Page - Fujitsu Component Limited. MB82DP02183C-65L Datasheet HTML 4Page - Fujitsu Component Limited. MB82DP02183C-65L Datasheet HTML 5Page - Fujitsu Component Limited. MB82DP02183C-65L Datasheet HTML 6Page - Fujitsu Component Limited. MB82DP02183C-65L Datasheet HTML 7Page - Fujitsu Component Limited. MB82DP02183C-65L Datasheet HTML 8Page - Fujitsu Component Limited. MB82DP02183C-65L Datasheet HTML 9Page - Fujitsu Component Limited. MB82DP02183C-65L Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MB82DP02183C-65L
6
■ POWER DOWN
Power Down
The Power Down is low power idle state controlled by CE2. CE2 Low drives the device in power down mode
and maintains low power idle state as long as CE2 is kept Low. CE2 High resumes the device from power down
mode.
This device has 3 power down modes, Sleep, 4M-bit Partial and 8M-bit Partial. These can be programmed by
series of read/write operation. Each mode has following features.
The default state is Sleep and it is the lowest power consumption but all data will be lost once CE2 is brought
to Low for Power Down. It is not required to program to Sleep mode after power-up.
Power Down Program Sequence
The program requires total six read/write operations with unique address. Between each read/write operation
requires that device be in standby mode. Following table shows the detail sequence.
The first cycle is to read from most significant address (MSB).
The second and third cycle are to write back the data (RDa) read by first cycle. If the second or third cycle is
written into the different address, the program is cancelled and the data written by the second or third cycle is
valid as a normal write operation.
The forth and fifth cycle is to write to MSB. The data of forth and fifth cycle are don’t-care. If the forth or fifth
cycle is written into different address, the program is also cancelled but write data may not be written as normal
write operation.
The last cycle is to read from specific address key for power down mode selection.
Once this program sequence is performed from a Partial mode to other Partial mode, the write data stored in
memory cell array may be lost. So, it should perform this program prior to regular read/write operation if Partial
power down mode is used.
Address Key
The address key has following format.
Mode
Data Retention
Retention Address
Sleep (default)
No
N/A
4M-bit Partial
4M bits
00000h to 3FFFFh
8M-bit Partial
8M bits
00000h to 7FFFFh
Cycle #
Operation
Address
Data
1st
Read
1FFFFFh (MSB)
Read Data (RDa)
2nd
Write
1FFFFFh
RDa
3rd
Write
1FFFFFh
RDa
4th
Write
1FFFFFh
Don’t care (X)
5th
Write
1FFFFFh
X
6th
Read
Address Key
Read Data (RDb)
Mode
Address
A20
A19
A18 to A0
Hexadecimal
Sleep (default)
1
1
1
1FFFFFh
4M-bit Partial
1
0
1
17FFFFh
8M-bit Partial
0
1
1
0FFFFFh


Similar Part No. - MB82DP02183C-65L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82DP02183D FUJITSU-MB82DP02183D Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183D-65LWT FUJITSU-MB82DP02183D-65LWT Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183E-65L FUJITSU-MB82DP02183E-65L Datasheet
35Kb / 1P
   32 Mbit Mobile FCRAM 3.0 V, Page Mode
MB82DP02183F FUJITSU-MB82DP02183F Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP02183F-65L FUJITSU-MB82DP02183F-65L Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
More results

Similar Description - MB82DP02183C-65L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82DP02183D FUJITSU-MB82DP02183D Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP04183C FUJITSU-MB82DP04183C Datasheet
289Kb / 33P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP04184E-65L FUJITSU-MB82DP04184E-65L Datasheet
464Kb / 31P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82D01181E FUJITSU-MB82D01181E Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183F FUJITSU-MB82DP02183F Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DBS08164D-70L FUJITSU-MB82DBS08164D-70L Datasheet
447Kb / 60P
   128 M Bit (8 M word x 16 bit) Mobile Phone Application Specific Memory
MB82D01171A FUJITSU-MB82D01171A Datasheet
248Kb / 27P
   16 Mbit (1 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DBS02163C FUJITSU-MB82DBS02163C Datasheet
606Kb / 63P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS02163D-70L FUJITSU-MB82DBS02163D-70L Datasheet
736Kb / 57P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS08164C-70L FUJITSU-MB82DBS08164C-70L Datasheet
542Kb / 58P
   128 M Bit (8 M word횞16 bit) Mobile Phone Application Specific Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com