Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK3C3508220 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FK3C3508220
Description  Display for Digital Signals
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FK3C3508220 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FK3C3508220 Datasheet HTML 1Page - List of Unclassifed Manufacturers FK3C3508220 Datasheet HTML 2Page - List of Unclassifed Manufacturers FK3C3508220 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Du line®
Fieldbus
Installationbus
2
Specifications are subject to change without notice (28.09.99)
Dupline® is a registered trademark. A product of the CARLO GAVAZZI Group
FK3C3, FK4C3
F.3C 3508 ...
F.3C 3616 ...
F.4C 3732 ...
( 8 channels)
(16 channels)
(32 channels)
Output
1 NPN transistor
1 NPN transistor
1 NPN transistor
Output voltage range VBB
4 to 35 VDC (or VDD in)
4 to 35 VDC (or VDD in)
4 to 35 VDC (or VDD in)
Reverse-polarity protection
Yes
Yes
Yes
Current per output
≤ 100 mA
≤ 100 mA
≤ 100 mA
Short-circuit protection
None
None
None
Built-in protective diodes
None
None
None
Off-state leakage current
≤ 100 µA
≤ 100 µA
≤ 100 µA
Output voltage drop
≤ 1.5 V
≤ 1.5 V
≤ 1.5 V
Cable length
≤ 3 m
≤ 3 m
≤ 3 m
Dielectric voltage
Output - Dupline®
None
None
None
Output connection
2.8 mm faston
2.8 mm faston
2.8 mm faston
Dupline® connection
2.8 mm faston
2.8 mm faston
2.8 mm faston
Response time
< 2 pulse trains
< 2 pulse trains
< 2 pulse trains
Display/Output Specifications (cont.)
Supply Specifications
General Specifications
Power supply AC types
Overvoltage cat. III (IEC 60664)
Operational voltage
through pins A1 & A2 220
230 VAC +6%, -15% (IEC 60038)
120
120 VAC ± 10% (IEC60038)
024
24 VAC ± 10%
Frequency
45 to 65 Hz
Voltage interruption
≤ 40 ms
Rated operational power
Typ. 6 VA
Rated impulse withstand
voltage
220
4 kV
120
2.5 kV
024
800 V
Dielectric voltage
Supply - Dupline®
≥ 2 kVAC (rms)
Supply - Output
≥ 2 kVAC (rms)
Alternative DC supply
Overvoltage cat. III (IEC 60664)
Operational voltage (VDD in)
through pins 2 & 3
FK...
12 VDC ± 10%
(ripple included)
Reverse polarity protection
Yes
Rated operational current
FK3C 3508
≤ 125 mA
FK3C 3616
≤ 250 mA
FK4C 3732
≤ 500 mA
Inrush current
≤ 1 A
Transient protection voltage
800 V
Dielectric voltage
Supply - Dupline®
None
Supply - Output
None
Supply connection
2.8 mm faston
Output-off delay
upon loss of Dupline® carrier
≤ 3 s, (LCD irregular
display indication)
Power ON delay
Undefined
≤ 1 s
Indication for
Loss of Dupline® carrier
LED, red
Environment
Degree of protection
IP 40
Pollution degree
3 (IEC 60664)
Operating temperature
0° to +50°C (+32° to +122°F)
Storage temperature
-20° to +60°C (-4° to +140°F)
Humidity (non-condensing)
20 to 80%
Mechanical resistance
Shock
15 G (11 ms)
Vibration
2 G (6 to 55 Hz)
Dimensions
Material
(see "Technical Information")
F.3C: 96 x 48 - Housing
F.4C: 144 x 48 - Housing
Weight
F.3C 3508
300 g
F.3C 3616
300 g
F.4C 3732
400 g
Approvals
CSA, UL


Similar Part No. - FK3C3508220

ManufacturerPart #DatasheetDescription
logo
API Delevan
FK30M API-FK30M Datasheet
90Kb / 1P
   Long stem heavy duty T-handle penetration probe
logo
Powerex Power Semicondu...
FK30SM-5 POWEREX-FK30SM-5 Datasheet
59Kb / 5P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FK30SM-5 ISC-FK30SM-5 Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Mitsubishi Electric Sem...
FK30SM-6 MITSUBISHI-FK30SM-6 Datasheet
53Kb / 5P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FK30SM-6 POWEREX-FK30SM-6 Datasheet
59Kb / 5P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results

Similar Description - FK3C3508220

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LOC211P IXYS-LOC211P Datasheet
112Kb / 5P
   Couples Analog and Digital Signals
logo
PHOENIX CONTACT
2900889 PHOENIX-2900889 Datasheet
50Kb / 3P
   VARIOFACE front adapter for Inline HD modules, for transferring 8 digital signals.
2304128 PHOENIX-2304128 Datasheet
55Kb / 2P
   VARIOFACE front adapter for Inline modules, for transferring 8 digital input signals.
logo
Analog Microelectronics
CAV414 AME-CAV414 Datasheet
70Kb / 6P
   Converter IC for Capacitive Signals
logo
Infineon Technologies A...
TUA6120 INFINEON-TUA6120 Datasheet
1Mb / 70P
   Gain controlled I/Q Mixer for Digital QPSK or 8PSK Sat Signals
Version 2.01, 2004-02-05
logo
CML Microcircuits
EV9900A CMLMICRO-EV9900A Datasheet
1Mb / 27P
   Test Access for Important Signals
logo
List of Unclassifed Man...
CAV424 ETC-CAV424 Datasheet
74Kb / 7P
   Converter IC for Capacitive Signals
FFD1680024 ETC2-FFD1680024 Datasheet
73Kb / 3P
   Transmitter for Numerical Counter Signals
logo
Micro Electronics
MMC4066 MICRO-ELECTRONICS-MMC4066 Datasheet
146Kb / 4P
   QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
logo
STMicroelectronics
HCC4066B STMICROELECTRONICS-HCC4066B Datasheet
266Kb / 11P
   OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com