Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9400 Datasheet(PDF) 1 Page - Coto Technology

Part # 9400
Description  Series/Surface Mount Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

9400 Datasheet(HTML) 1 Page - Coto Technology

  9400 Datasheet HTML 1Page - Coto Technology 9400 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
9300-9400 Series/Surface Mount Reed Relays
Surface Mount Reed Relays
Ideally suited to the needs of Automated Test Equipment, Instrumen-
tation and Telecommunications requirements, Coto’s 9300 and 9400
Series specification tables allow you to select the appropriate relay for
your particular application. If your requirements differ, please consult
your local representative or Coto’s Factory to discuss a custom design.
Series Features
High Insulation Resistance - 1012
Ω minimum (1013 Ω Typical)
High reliability, hermetically sealed contacts for long life
Molded thermoset body on integral lead frame design
High speed switching compared to electromechanical relays
9300 Series
Load switching (15 Watts) and high dielectric strength (500 VDC)
between contacts
Proven Reliable to switch telephone loads (48V, 100mA)
9400 Series
Small surface mount package (0.225” x 0.550”)
Low capacitance (Contact to Shield - 1.1 pF typical)
Coaxial shield for 50
Ω impedance. Excellent for RF and Fast Rise
Time Pulse switching (up to 2.0 GHz)
Dimensions in Inches
(Millimeters)
Model 9300
Model 9400
Gull Wing
J-Lead
2
2
Gull Wing
J-Lead
2
2
Radial
9402 End View
(J Lead Shown)
9401 End View
(J Lead Shown)
9301 End View


Similar Part No. - 9400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9400 ETC-9400 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
logo
Tyco Electronics
9400 MACOM-9400 Datasheet
202Kb / 2P
   Single-pole relay used extensively in HVAC applications
logo
Broadcom Corporation.
9400 BOARDCOM-9400 Datasheet
487Kb / 3P
   Industry?셲 First Hardware RAID adapter with Tri-Mode SerDes Technology
logo
Cisco Systems, Inc.
9400 CISCO-9400 Datasheet
583Kb / 22P
   Cisco Catalyst 9400 Series Switch
2023
logo
Keystone Electronics Co...
9400 KEYSTONE-9400 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
More results

Similar Description - 9400

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9200 COTO-9200 Datasheet
307Kb / 2P
   Surface Mount Reed Relays
logo
RHOPOINT COMPONENTS
9201-05-00 RHOPOINT-9201-05-00 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9401 RHOPOINT-9401 Datasheet
54Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
17D-1A12G DBLECTRO-17D-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9901-05-00 COTO-9901-05-00_14 Datasheet
447Kb / 2P
   SURFACE MOUNT REED RELAYS
logo
List of Unclassifed Man...
9400 ETC-9400 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9852 ETC-9852 Datasheet
96Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
10R-1A12G DBLECTRO-10R-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9802-03-00 COTO-9802-03-00 Datasheet
366Kb / 2P
   Surface Mount Reed Relays
9901-05-00 COTO-9901-05-00 Datasheet
294Kb / 2P
   Surface Mount Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com