Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSA5512M Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TSA5512M
Description  1.3 GHz Bidirectional I2C-bus controlled synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5512M Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TSA5512M Datasheet HTML 6Page - NXP Semiconductors TSA5512M Datasheet HTML 7Page - NXP Semiconductors TSA5512M Datasheet HTML 8Page - NXP Semiconductors TSA5512M Datasheet HTML 9Page - NXP Semiconductors TSA5512M Datasheet HTML 10Page - NXP Semiconductors TSA5512M Datasheet HTML 11Page - NXP Semiconductors TSA5512M Datasheet HTML 12Page - NXP Semiconductors TSA5512M Datasheet HTML 13Page - NXP Semiconductors TSA5512M Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
October 1992
10
Philips Semiconductors
Product specification
1.3 GHz Bidirectional I2C-bus controlled synthesizer
TSA5512
CHARACTERISTICS
VCC = 5V;Tamb = 25 °C, unless otherwise specified
All pin numbers refer to DIL18 version
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Functional range
VCC
supply voltage range
4.5
5.5
V
Tamb
operating ambient
temperature range
−10
+80
°C
f
input frequency
64
1300
MHz
N
divider
256
32767
ICC
supply current
25
35
50
mA
fXTAL
crystal oscillator
frequency range
crystal series resonance
resistance
≤ 150 Ω
3.2
4.0
4.48
MHz
ZI
input impedance (pin 2)
−480
−400
−320
input level
VCC = 4.5 V to 5.5 V;
Tamb = −10 to +80 °C;
see typical sensitivity curve
Fig.6
f = 80 to 150 MHz
12/
−25
300/2.6
mV/dBm
f = 150 to 1000 MHz
9/
−28
300/2.6
mV/dBm
f = 1000 to 1300 MHz
40/
−15
300/2.6
mV/dBm
RI
prescaler input resistance
(see Fig.7)
50
−Ω
CI
input capacitance
2
pF
Output ports (open collector) P0 to P7 (see note 1)
ILO
output leakage current
VO = 13.5 V
−−
10
µA
VOL
LOW level output voltage
IOL = 5 mA; note 2
−−
0.7
V
Input port P3
IOH
HIGH level input current
VOH = 13.5 V
−−
10
µA
IOL
LOW level input current
VOL = 0 V
−10
−−µA
Input ports P4, P5 and P7
VIL
LOW level input voltage
−−
0.8
V
VIH
HIGH level input voltage
2.7
−−
V
IIH
HIGH level input current
VIH = 13.5 V
−−
10
µA
IIL
LOW level input current
VIL = 0 V
−10
−−µA
Input port P6
IIH
HIGH level input current
VIH = 13.5 V
−−
10
µA
IIL
LOW level input current
VIL = 0 V
−10
−−µA
SCL and SDA inputs
VIH
HIGH level input voltage
3.0
5.5
V
VIL
LOW level input voltage
−−
1.5
V


Similar Part No. - TSA5512M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511AT PHILIPS-TSA5511AT Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511T PHILIPS-TSA5511T Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5514AT PHILIPS-TSA5514AT Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
More results

Similar Description - TSA5512M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5520 PHILIPS-TSA5520 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
logo
Siemens Semiconductor G...
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
   1.3 GHZ PLL WITH I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com