Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSA5512M Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TSA5512M
Description  1.3 GHz Bidirectional I2C-bus controlled synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5512M Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TSA5512M Datasheet HTML 3Page - NXP Semiconductors TSA5512M Datasheet HTML 4Page - NXP Semiconductors TSA5512M Datasheet HTML 5Page - NXP Semiconductors TSA5512M Datasheet HTML 6Page - NXP Semiconductors TSA5512M Datasheet HTML 7Page - NXP Semiconductors TSA5512M Datasheet HTML 8Page - NXP Semiconductors TSA5512M Datasheet HTML 9Page - NXP Semiconductors TSA5512M Datasheet HTML 10Page - NXP Semiconductors TSA5512M Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
October 1992
7
Philips Semiconductors
Product specification
1.3 GHz Bidirectional I2C-bus controlled synthesizer
TSA5512
Table 1
Write data format
Note to Table 1
MSB
LSB
Address
11000
MA1
MA0
0
A
byte 1
Programmable
divider
0
N14
N13
N12
N11
N10
N9
N8
A
byte 2
Programmable
divider
N7
N6
N5
N4
N3
N2
N1
N0
A
byte 3
Charge-pump
and test bits
1
CP
T1
T0
1
1
1
OS
A
byte 4
Output ports
control bits
P7
P6
P5
P4
P3
P2
P1*
P0*
A
byte 5
*
not valid for TSA5512T
MA1,MAO
programmable address bits (see Table 4)
A
acknowledge bit
N14 to N0
programmable divider bits
N = N14
× 214 + N13 × 213 +... +N1 × 21 + NO
CP
charge-pump current
CP = 0
50
µA
CP = 1
220
µA
P7 to P0 = 1
open-collector output is active
P7 to P0 = 0
outputs are in high impedance state
T1, T0, OS = 0 0 0
normal operation
T1 = 1
P6 = fref, P7 = fDIV
T0 = 1
3-state charge-pump
OS = 1
operational amplifier output is switched off (varicap drive disable)


Similar Part No. - TSA5512M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511AT PHILIPS-TSA5511AT Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511T PHILIPS-TSA5511T Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5514AT PHILIPS-TSA5514AT Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
More results

Similar Description - TSA5512M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5520 PHILIPS-TSA5520 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
logo
Siemens Semiconductor G...
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
   1.3 GHZ PLL WITH I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com