Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAD1532024 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FAD1532024
Description  Dupline짰 Field- and Installationbus Receiver with Analog Current Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FAD1532024 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FAD1532024 Datasheet HTML 1Page - List of Unclassifed Manufacturers FAD1532024 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (01.09.99)
Supply Specifications
FAD 1530, FAD 1531, FAD 1532
General Specifications
Power supply
Overvoltage cat. III (IEC 60664)
Rated operational voltage
through pins A1 & A2 220
230 VAC +6%,
-15% (IEC 60038)
120
120 VAC ± 10% (IEC 60038)
024
24 VAC ± 10%
Frequency
45 to 65 Hz
Voltage interruption
≤ 40 ms
Rated operational power
Typ. 2.5 VA
Rated impulse
220
4 kV
withstand voltage
120
2.5 kV
024
800 V
Dielectric voltage
Supply - Dupline
≥ 2 kVAC (rms)
Supply - Output
≥ 2 kVAC (rms)
Output OFF delay
upon loss of Dupline carrier
Undefined
Power ON delay
Undefined,
≤ 1 s
Environment
Degree of protection
IP 20
Pollution degree
3 (IEC 60664)
Operating temperature
-20° to +50°C (-4° to +122°F)
Storage temperature
-50° to +85°C (-58° to +185°F)
Humidity (non-condensing)
20 to 80%
Mechanical resistance
Shock
15 G (11 ms)
Vibration
2 G (6 to 55 Hz)
Dimensions
Material
(see "Technical Information")
D-housing
Weight
200 g
Approvals
CSA, UL
Operation Diagram
Mode of Operation
Receiver with current signal
output. The binary status of
an entire channel group (8 bit)
is converted to a current sig-
nal. The binary status of the
selected group may be gen-
erated by Dupline transmit-
ters with analog inputs (cur-
rent,
voltage,
temperature
etc.) or by PC’s.
The least significant bit (influ-
encing the output current by
0.392% of full scale) is the
highest channel of the select-
ed group (C8 if FMK C is
plugged in). The most signifi-
cant bit (influencing the output
current by 49.8% of full scale)
is the lowest channel of the
selected group (C1 in the
above example).
Note: Analog receivers must
not be used in systems where
channel generators with 2 or 3
sequences are installed.
Output
signal
Accessories
Socket
D 411
Socket cover
BB 5
Hold down spring
HF
Front mounting bezel
FRS 2
DIN-rail for D 411
FMD 411
For further information refer to "Accessories".
Wiring Diagram
Load
S: signal wire.
MSB =
Most Significant Bit
LSB =
Least Significant Bit
Channel status
Power
Supply


Similar Part No. - FAD1532024

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAD1-04010 QUALTEK-FAD1-04010 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BAAW11 QUALTEK-FAD1-04010BAAW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BAHW11 QUALTEK-FAD1-04010BAHW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BAJW11 QUALTEK-FAD1-04010BAJW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BALW11 QUALTEK-FAD1-04010BALW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
More results

Similar Description - FAD1532024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FFD1531024 ETC2-FFD1531024 Datasheet
69Kb / 2P
   Dupline짰 Field- and Installationbus Transmitter for Analog Current Signals
logo
Grayhill, Inc
73G-OV5 GRAYHILL-73G-OV5 Datasheet
114Kb / 2P
   Analog Voltage and Current Output Modules
logo
AVAGO TECHNOLOGIES LIMI...
SFH250 AVAGO-SFH250_11 Datasheet
520Kb / 4P
   Receiver with analog output for polymer optical fiber applications
logo
Maxim Integrated Produc...
MAX16946EVKIT MAXIM-MAX16946EVKIT Datasheet
567Kb / 8P
   Analog Current-Measurement Output
Rev 0; 3/11
logo
Linear Technology
LTC1690 LINER-LTC1690 Datasheet
221Kb / 12P
   Differential Driver and Receiver Pair with Fail-Safe Receiver Output
LTC1690 LINER-LTC1690_15 Datasheet
193Kb / 12P
   Differential Driver and Receiver Pair with Fail-Safe Receiver Output
logo
ZIEHL industrie-elektro...
STWA2AH ZIEHL-STWA2AH Datasheet
275Kb / 1P
   AC-Electronic Current Transducer STWA2AH with analog output
STWA1AH ZIEHL-STWA1AH Datasheet
266Kb / 1P
   AC-Electronic Current Transducer STWA1AH with analog output
logo
Sensortechnics GmbH
RBIP015AU SENSORTECHNICS-RBIP015AU Datasheet
125Kb / 9P
   Pressure sensors with analog and digital output
logo
Texas Instruments
INA223 TI1-INA223 Datasheet
1Mb / 31P
[Old version datasheet]   Analog Output Current Shunt and Voltage Instantaneous Power Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com