Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUAD480 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EUAD480
Description  Current and Voltage Controls 3-Phase Sequence and Phase Loss
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EUAD480 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EUAD480 Datasheet HTML 1Page - List of Unclassifed Manufacturers EUAD480 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (10.01.00)
1
• 3-phase monitoring relay for phase
sequence/phase loss (closed circuit)
• Measures when all 3 phases are present and have
the correct phase sequence
• Measures on own power supply
• Knob-adjustable level setting
• Output: Up to 3 x 5 A SPDT relay
• For mounting on DIN-rail in accordance with
DIN/EN 50 022
• 45 mm Euronorm housing
• LED-indication for relay and power supply ON
Product Description
Ordering Key
Housing
Function
Type
Output
Power supply
3-phase line voltage monitor-
ing and phase sequence/
phase loss relay. Adjustment
on built-in potentiometer of
monitored
voltage
within
±15% of rated operational
voltage. For mounting on DIN-
rail. Frequently used to se-
cure the right phase sequence
when applying a load to a 3-
phase electrical network.
EUA C 400
Type Selection
Mounting
Output
Supply: 220 VAC
Supply: 400 VAC
Supply: 480 VAC
Supply: 600 VAC
For DIN-rail
1 SPDT
EUA C 220
EUA C 400
EUA C 480
EUA C 600
2 SPDT
EUA D 220
EUA D 400
EUA D 480
EUA D 600
3 SPDT
EUA T 220
EUA T 400
EUA T 480
Input Specifications
Input U, V, W
L1 - L2 - L3
measures on own supply
Measuring ranges
220
187-253 VAC
400
340-460 VAC
480
408-552 VAC
600
510-690 VAC
ON-level
70% of voltage setting
Voltage setting
±15% (of rated operational
voltage)
Supply Specifications
Power supply
Overvoltage cat. III (IEC 60664)
Rated operational voltage
(IEC 60038)
Through term. U, V, W 220
220 VAC, ±15%
50/60 Hz, -5/+5 Hz
400
400 VAC, ±15%
50/60 Hz, -5/+5 Hz
480
480 VAC, ±15%
50/60 Hz, -5/+5 Hz
600
600 VAC, ±15%
50/60 Hz, -5/+5 Hz
Voltage interruption
≤ 40 ms
Dielectric voltage
None
Rated impulse withstand
voltage
up to 480 VAC
4 kV (1.2/50 µs)
up to 600 VAC
6 kV (1.2/50 µs)
Rated operational power
2.5 VA
Supplied from
L1 & L3
Output Specifications
Output
1, 2 or 3 x SPDT relay
Rated insulation voltage
250 VAC (contact/elect.)
Contact ratings (AgCdO)
µ (micro gap)
Resistive loads
AC 1
5 A, 250 VAC
DC 1
5 A, 24 VDC
Small inductive loads AC 15
2 A, 250 VAC
DC 13
3 A, 24 VDC
Mechanical life
≥ 40 x 106 operations
Electrical life
≥ 105 operations
(at max. load)
Operating frequency
≤ 7200 operations/h
Dielectric strength
Dielectric voltage
2 kVAC (rms)
Rated impulse withstand volt. 4 kV (1.2/50 µs)
Type EUA
3-Phase Sequence and Phase Loss
Current and Voltage Controls


Similar Part No. - EUAD480

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
EUA2005JIR1 ETC2-EUA2005JIR1 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2008 EUTECH-EUA2008 Datasheet
178Kb / 1P
   3-W Stereo Class-D Audio Amplifier with 32-Step DC Volume Control
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
EUA2011HIR1 EUTECH-EUA2011HIR1 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
More results

Similar Description - EUAD480

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM170400 ETC2-SM170400 Datasheet
74Kb / 2P
   Current and Voltage Controls 3-Phase Voltage Sequence Control
DPA71DM23 ETC2-DPA71DM23 Datasheet
107Kb / 3P
   Monitoring Relays 3-Phase Sequence and Phase Loss
DPA01CM44 ETC2-DPA01CM44 Datasheet
115Kb / 3P
   Monitoring Relays 3-Phase Sequence and Phase Loss
A74-10 ETC2-A74-10 Datasheet
67Kb / 2P
   Current and Voltage Controls Current Transformer, 3-Phase
logo
Omron Electronics LLC
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8DS-PH1 OMRON-K8DS-PH1 Datasheet
1Mb / 12P
   Phase-sequence Phase-loss Relay
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
K8AB-PM OMRON-K8AB-PM Datasheet
946Kb / 10P
   Three-phase Phase-sequence Phase-loss Relay
logo
List of Unclassifed Man...
M3PR ETC1-M3PR Datasheet
392Kb / 1P
   Phase Sequence / Failure and Under Voltage Relay
DPB02CM23 ETC2-DPB02CM23 Datasheet
164Kb / 4P
   Monitoring Relays True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com