Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFD1531024 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FFD1531024
Description  Dupline짰 Field- and Installationbus Transmitter for Analog Current Signals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FFD1531024 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FFD1531024 Datasheet HTML 1Page - List of Unclassifed Manufacturers FFD1531024 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (01.09.99)
1
Dupline® Field- and Installationbus
Transmitter for Analog Current Signals
Types FFD 1530, FFD 1531, FFD 1532
• Transmitter with current input
• Current input signals:
FFD 1530: 1 x 0 to 1 mA
FFD 1531: 1 x 0 to 20 mA
FFD 1532: 1 x 4 to 20 mA
• 8-bit (8 channels) resolution
• Binary transmission
• Enable input function
• D-housing
• Plug-in type module
• AC power supply
Supply
Ordering no.
Ordering no.
Ordering no.
1 signal
1 signal
1 signal
0 to 1 mA
0 to 20 mA
4 to 20 mA
24 VAC
FFD 1530 024
FFD 1531 024
FFD 1532 024
120 VAC
FFD 1530 120
FFD 1531 120
FFD 1532 120
220 VAC
FFD 1530 220
FFD 1531 220
FFD 1532 220
Code module
FMK A to FMK P
FMK A to FMK P
FMK A to FMK P
Input Specifications
Product Description
Type Selection
Type: Dupline
Input signal
Supply
Dupline transmitters for ex-
ternal supply. Standard cur-
rent signal input (0 to 1 mA,
0 to 20 mA, 4 to 20 mA).
Convert analog current sig-
nals into binary codes.
Ordering Key
FFD 1530 ...
FFD 1531 ...
FFD 1532 ...
(8 channels)
(8 channels)
(8 channels)
Signal input
1 current input
1 current input
1 current input
Signal range
0 to 1 mA
0 to 20 mA
4 to 20 mA
Zero adjustment (X1)
None
None
None
Span adjustment (X2)
None
None
None
Span
None
None
None
Input resistance
≤ 470 Ω≤ 47 Ω≤ 47 Ω
Resolution
8 bits (3.92 µA/LSB)
8 bits (78.43 µA/LSB)
8 bits (62.75 µA/LSB)
Settling time
≤ 1 pulse train + 10 ms
≤ 1 pulse train + 10 ms
≤ 1 pulse train + 10 ms
Open circuit monitoring
None
None
None
Inaccuracy (ref. temp. 20°C)
of full scale
≤ 1%
≤ 1%
≤ 1%
Cable length
≤ 3 m
≤ 3 m
≤ 3 m
Dielectric voltage
Input - Dupline
≥ 200 VAC (rms)
≥ 200 VAC (rms)
≥ 200 VAC (rms)
Transmission enable input
1 contact or NPN transistor
1 contact or NPN transistor
1 contact or NPN transistor
Open loop voltage
5 VDC
5 VDC
5 VDC
Short-circuit current
1 mA
1 mA
1 mA
Operating time for signal "1"
≤ 1 pulse train + 10 ms
≤ 1 pulse train + 10 ms
≤ 1 pulse train + 10 ms
Operating time for signal "0"
≤ 1 pulse train + 10 ms
≤ 1 pulse train + 10 ms
≤ 1 pulse train + 10 ms
Contact resistance
≤ 100 Ω≤ 100 Ω≤ 100 Ω
Cable length
≤ 3 m
≤ 3 m
≤ 3 m
Dielectric voltage
Input- Dupline
≥ 200 VAC (rms)
≥ 200 VAC (rms)
≥ 200 VAC (rms)
FFD 1530 024


Similar Part No. - FFD1531024

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFD10UP20S FAIRCHILD-FFD10UP20S Datasheet
268Kb / 5P
   Ultrafast Rectifier
logo
Inchange Semiconductor ...
FFD10UP20S ISC-FFD10UP20S Datasheet
307Kb / 2P
   Ultrafast Recovery Diode
logo
List of Unclassifed Man...
FFD1680024 ETC2-FFD1680024 Datasheet
73Kb / 3P
   Transmitter for Numerical Counter Signals
FFD1680120 ETC2-FFD1680120 Datasheet
73Kb / 3P
   Transmitter for Numerical Counter Signals
FFD1680220 ETC2-FFD1680220 Datasheet
73Kb / 3P
   Transmitter for Numerical Counter Signals
More results

Similar Description - FFD1531024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FAD1531024 ETC2-FAD1531024 Datasheet
67Kb / 2P
   Dupline짰 Field- and Installationbus Receiver with Analog Current Output
FFD1680024 ETC2-FFD1680024 Datasheet
73Kb / 3P
   Transmitter for Numerical Counter Signals
logo
IXYS Corporation
LOC211P IXYS-LOC211P Datasheet
112Kb / 5P
   Couples Analog and Digital Signals
logo
PHOENIX CONTACT
2700458 PHOENIX-2700458 Datasheet
75Kb / 5P
   4 analog differential input channels for connecting current signals
2701237 PHOENIX-2701237 Datasheet
156Kb / 6P
   It is used to output analog voltage and current signals.
2702007 PHOENIX-2702007 Datasheet
166Kb / 6P
   4 analog, bipolar input channels for the connection of current signals
logo
Omron Electronics LLC
G3VM-61GR2 OMRON-G3VM-61GR2 Datasheet
87Kb / 3P
   MOS FET Relays with 1.7-A switching Designed for Switching Minute Signals and Analog Signals.
logo
National Instruments Co...
USB-9201 NI-USB-9201 Datasheet
179Kb / 2P
   Portable USB-Based DAQ for Analog Signals
logo
Exar Corporation
XRDAN29 EXAR-XRDAN29 Datasheet
55Kb / 2P
   Criteria for Accurate Sampling of Analog Signals
logo
PHOENIX CONTACT
2702153 PHOENIX-2702153 Datasheet
131Kb / 6P
   4 analog output channels for the connection of either voltage or current signals
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com