Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER1830PPAS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ER1830PPAS
Description  Photoelectrics Retro-reflective
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ER1830PPAS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ER1830PPAS Datasheet HTML 1Page - List of Unclassifed Manufacturers ER1830PPAS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (08.02.06)
1
Photoelectrics
• Range: 3 m
• Modulated infrared light
• Supply voltage: 10 to 40 VDC
• Output: 200 mA NPN or PNP
• Make and break switching function, LED indication
• Protection: Reverse polarity, short circuit, transients
• High immunity to ambient light
• Cable and plug versions
Retro-reflective photoelectric
switch with extended range
up to 3 m. Easily adjustable
sensitivity with 270° poten-
tiometer. LED output indica-
tion. Short M18 metal housing
for heavy duty applications. IP
67. Easy mounting. DC and
AC types, fully protected.
Specifications
Optical angle
± 2.2°
Light spot size
150 mm at 2 m
Ambient light
Max. 10,000 lux
Operating frequency (f)
Max. 120 Hz, light/dark ratio 1:2
Response time
OFF-ON (tON)
≤ 3.2 ms
ON-OFF (tOFF)
≤ 5 ms
Indication function
Dark and light
(complementary switch)
Output ON
LED, yellow
Environment
Overvoltage category
III (IEC 60664/60664A; 60947-1)
Pollution degree
3 (IEC 60664/60664A; 60947-1)
Degree of protection
IP 67 (IEC 60529; 60947-1)
Temperature
Operating
-20° to +60°C (-4° to 140°F)
Storage
-30° to + 70°C (-22° to 158°F)
Vibration
10 to 150 Hz, 0.5 mm/7.5 g
(IEC 60068-2-6)
Shock
2 x 1 m & 100 x 0.5 m
(IEC 60068-2-32)
Dielectric voltage
600 VAC (IEC 60364-4-41)
Housing material
Body
Nickel plated brass
Front
Luran®, black
Cable end
Polyester, black
Nuts
Nickel plated brass
Retro-reflective
Type ER1830.PAS, DC, Metal-housing
Product Description
Rated operating dist. (Sn)
Up to 3 m
Ref. reflector type ER4
∅ 84 mm
Sensitivity
Adjustable
270° single turn pot. meter
Temperature drift
0.4%/K
Hysteresis (H)
(Differential travel)
3 to 20%
Rated operational volt. (UB)
10 to 40 VDC (ripple included)
Ripple (Urpp)
Max. 10%
Output current
Continuous (Ie)
Max. 200 mA
Short-time (I)
200 mA,
max. load capacity 100 nF
No load supply current (IO)
Max. 20 mA @ 200 mA
Min. operational current (Im)
0.5 mA
OFF-state current (Ir)
Max. 100
μA
Voltage drop (Ud)
Max. 2.5 V
Protection
Reverse polarity, short circuit
overload, transients
Transient voltage
1 kV/0.5 J
Power ON delay (tv)
Typ. 100 ms
Light source
GaAlAs LED, 880 nm
Light type
Infrared, modulated
Ordering Key
Type
Housing diameter
Range
Output type
Housing material
Connection type
ER 18 30 NPA S-1
Type Selection
Housing
Rated
Ordering no.
Ordering no.
Ordering no.
Ordering no.
diameter
operating
NPN/cable
NPN/plug
PNP/cable
PNP/plug
dist. (Sn)
Make & break swit.
Make & break swit.
Make & break swit.
Make & break swit.
M18
3 m
ER 1830 NPAS
ER 1830 NPAS-1
ER 1830 PPAS
ER 1830 PPAS-1


Similar Part No. - ER1830PPAS

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
ER18 FERROXCUBE-ER18 Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER18-3C92-A160-S FERROXCUBE-ER18-3C92-A160-S Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER18-3C92-A250-S FERROXCUBE-ER18-3C92-A250-S Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER18-3C92-A400-S FERROXCUBE-ER18-3C92-A400-S Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER18-3C92-S FERROXCUBE-ER18-3C92-S Datasheet
49Kb / 4P
   Planar ER cores and accessories
More results

Similar Description - ER1830PPAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP1820NPAS ETC2-EP1820NPAS Datasheet
96Kb / 2P
   Photoelectrics Retro-reflective, Polarized
ED5502NPAP ETC2-ED5502NPAP Datasheet
306Kb / 3P
   Photoelectrics Diffuse-reflective
EO1804NPAS ETC2-EO1804NPAS Datasheet
99Kb / 2P
   Photoelectrics Diffuse-reflective
logo
Festo Corporation.
8075672 FESTO-8075672 Datasheet
94Kb / 2P
   Retro-reflective sensor
537713 FESTO-537713 Datasheet
92Kb / 2P
   Retro-reflective sensor
7/13/22
537683 FESTO-537683 Datasheet
90Kb / 2P
   Retro-reflective sensor
7/13/22
537685 FESTO-537685 Datasheet
90Kb / 2P
   Retro-reflective sensor
7/13/22
537686 FESTO-537686 Datasheet
105Kb / 2P
   Retro-reflective sensor
7/13/22
537700 FESTO-537700 Datasheet
106Kb / 2P
   Retro-reflective sensor
7/13/22
537716 FESTO-537716 Datasheet
106Kb / 2P
   Retro-reflective sensor
7/13/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com