Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ED5506PPAP-1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ED5506PPAP-1
Description  Photoelectrics Diffuse-reflective
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ED5506PPAP-1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ED5506PPAP-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers ED5506PPAP-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers ED5506PPAP-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (07.02.2006)
ED 5502/5506
Temperature
Operating
-20° to +60°C (-4° to +140°F)
Storage
-30° to +70°C (-22° to +158°F)
Vibration
10 to 150 Hz, 0.5 mm/7.5 g
(IEC 60068-2-6)
Shock
2 x 1 m & 100 x 0.5 m
(IEC 60068-2-32)
Dielectric voltage
500 VAC (rms)
Housing material
Polycarbonate, black
Specifications (cont.)
Connection
Cable
Grey, 2 m, oilproof PVC,
4 x 0.34 mm2
Note:
Other cable lengths on request
Plug (-1)
M12, CONH1A-.. serie
Weight
125 g cable version
40 g plug version
CE-marking
Yes
Dimensions
ED 550. .PAP
ED 550. .PAP-1
Operation Diagram
Object present, light received
Output ON: Make switching (NO) BK(4)
Break switching (NC) WH(2)
Power supply
Tv
Tv
LED
LED
Potentiometer
Potentiometer
15
35
3,5
7
25
Ø7,5
Ø6,8
Ø5,2
10
Ø3
Installation Hints
Relief of cable strain
Protection of the sensing face
Switch mounted on mobile carrier
To avoid interference from inductive voltage/
current peaks, separate the prox. switch pow-
er cables from any other power cables, e.g.
motor, contactor or solenoid cables
Incorrect
Correct
The cable should not be pulled
A proximity switch should not serve as
mechanical stop
Any repetitive flexing of the
cable should be avoided


Similar Part No. - ED5506PPAP-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ED555 TI1-ED555 Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
ED555 TI1-ED555 Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ED555-2DS TI1-ED555-2DS Datasheet
268Kb / 17P
[Old version datasheet]   TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
ED555-2DS TI1-ED555-2DS Datasheet
1Mb / 26P
[Old version datasheet]   INA223EVM User?셲 Guide and Software Tutorial
ED555-2DS TI1-ED555-2DS Datasheet
713Kb / 27P
[Old version datasheet]   INA230EVM Evaluation Board and Software Tutorial
More results

Similar Description - ED5506PPAP-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EO1804NPAS ETC2-EO1804NPAS Datasheet
99Kb / 2P
   Photoelectrics Diffuse-reflective
ER1830NPAS ETC2-ER1830NPAS Datasheet
91Kb / 2P
   Photoelectrics Retro-reflective
EP1820NPAS ETC2-EP1820NPAS Datasheet
96Kb / 2P
   Photoelectrics Retro-reflective, Polarized
logo
Omron Electronics LLC
B5W-DB11A1-A OMRON-B5W-DB11A1-A Datasheet
255Kb / 8P
   Diffuse Reflective Sensor
0522/0721
B5W-DB OMRON-B5W-DB Datasheet
348Kb / 8P
   Diffuse Reflective Sensor
0522/1220
logo
List of Unclassifed Man...
EF1801NPAS ETC2-EF1801NPAS Datasheet
139Kb / 3P
   Photoelectrics Fiber Optic Sensor
FGT01SCM060 ETC2-FGT01SCM060 Datasheet
46Kb / 2P
   Photoelectrics Fibre Optics, Glass
logo
Carlo Gavazzi Holding A...
MB02 CARLOGAVAZZI-MB02 Datasheet
661Kb / 3P
   Photoelectrics Accessories Mounting Material
logo
List of Unclassifed Man...
VP01EP ETC2-VP01EP Datasheet
106Kb / 3P
   Photoelectrics Level Sensors Type VP, Unmodulated
AFET01SC ETC2-AFET01SC Datasheet
72Kb / 1P
   Photoelectrics Fibre Optics, Plastic, Economy Line
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com