Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCPS-24S8 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FCPS-24S8
Description  6-Amp and 8-Amp 24-Volt Remote Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FCPS-24S8 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FCPS-24S8 Datasheet HTML 1Page - List of Unclassifed Manufacturers FCPS-24S8 Datasheet HTML 2Page - List of Unclassifed Manufacturers FCPS-24S8 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 — DN-6927 • 07/20/04
Auxiliary power output: specific application power 500 mA
maximum.
Output circuits:
• +24 VDC filtered, regulated.
• 3.0 amps maximum for any one circuit.
• Total continuous current for all outputs (stand-alone mode):
for FCPS-24S6: 4.0 amps maximum; for FCPS-24S8: 6.0
amps maximum.
• Total short-term current for all outputs (NAC expander mode):
for FCPS-24S6: 6.0 amps maximum; for FCPS-24S8: 8.0
amps maximum.
Secondary power (battery) charging circuit:
• Supports lead-acid batteries only.
• Float-charge voltage: 27.6 VDC.
• Maximum charge current: 1.5 amps
• Maximum battery capacity: 18 AH.
APPLICATIONS
Example 1: Expand notification appliance power an addi-
tional 6.0 amps (FCPS-24S6) or 8.0 amps (FCPS-24S8). Use
up to four Class B (Style Y) outputs or four Class A (Style Z)
outputs (using ZNAC-4). For example, the FACP notification
appliance circuits will activate the FCPS when reverse-polar-
ity activation occurs. Trouble conditions on the FCPS are
sensed by the FACP through the notification appliance circuit.
Example 2: Use the FCPS to expand auxiliary regulated
24-volt system power up to 4.0 amps (FCPS-24S6) or up to
6.0 amps (FCPS-24S8). Both resettable and non-resettable
power options are available. Resettable outputs are created
by connecting the resettable output from the FACP to one or
both of the FCPS inputs.
Example 3: Use addressable control modules to activate
the FCPS instead of activating it through the FACP notification
appliance circuits. This typically allows for mounting the FCPS
at greater distances* away from the FACP while expanding
system architecture in various applications.
For example, an addressable control module is used to acti-
vate the FCPS, and an addressable monitor module is used to
sense FCPS trouble conditions. Local auxiliary power output from
the FCPS provides power to the
addressable control module.
*Addressable FACPs are capable
of locating control and monitor
modules at distances of up to
10,000 feet (3048 meters).
AGENCY LISTINGS
AND APPROVALS
See the first page of this data
sheet for listing agencies and file
numbers. These listings and ap-
provals apply to the FCPS-24S6
and the FCPS-24S8. In some
cases, certain modules or appli-
cations may not be listed by cer-
tain approval agencies, or listing
may be in process. Consult fac-
tory for latest listing status.
SYNC FOLLOWER/GENERATOR NOTE
In some installations, it is necessary to synchronize the flash
timing of all strobes in the system for ADA compliance. Strobes
accomplish this by monitoring very short timing pulses on the
NAC power which are created by the FACP. When installed at
the end of a NAC wire run, the FCPS-24S6/-24S8 can track
(i.e., “follow”) the strobe synchronization timing pulses on the
existing NAC wire run. This maintains the overall system flash
timing of the additional strobes attached to the FCPS.
When the FCPS-24S6/-24S8 is configured (via DIP switch set-
tings) as a “sync follower,” the FCPS’s NAC outputs track the
strobe synchronization pulses present at the FCPS’s sync in-
put terminal. The pulses originate from an upstream FACP or
other power supply.
When the FCPS-24S6/-24S8 is configured (via DIP switch set-
tings) as a “sync generator,” the FCPS’s sync input terminals
are not used. Rather, the FCPS is the originator of the strobe
synchronization pulses on the FCPS’s NAC outputs. In “sync
generator” mode, the sync type (System Sensor, Wheelock,
or Gentex) is selectable via DIP switch settings.
PRODUCT LINE INFORMATION
FCPS-24S6: 6.0 amp, 120 VAC remote charger power sup-
ply. Includes main printed circuit board, transformers, enclo-
sure (15" [38.1 cm] high x 14.5" [36.83 cm] wide x 2.75" [6.985
cm] deep), and installation instructions.
FCPS-24S8: 8.0 amp, 120 VAC remote charger power sup-
ply. Includes main printed circuit board, transformers, enclo-
sure (15" [38.1 cm] high x 14.5" [36.83 cm] wide x 2.75" [6.985
cm] deep), and installation instructions.
ZNAC-4: Class A (Style Z) NAC option module.
A77-716B: 12/24 VDC end-of-line relay for monitoring four-
wire smoke detector power.
BAT-1270: Battery, 12 volt, 7.0 AH (two required, see BAT
Series data sheet DN-6933).
PS-1270: Battery, 12 volt, 7.0 AH (two required, see PS
Series data sheet DN-1109).
SIMPLIFIED
BLOCK DIAGRAM
6827blok.wmf


Similar Part No. - FCPS-24S8

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FCPS-24S6RB GAMEWELL-FCI-FCPS-24S6RB Datasheet
94Kb / 2P
   Power Supplies with Battery Chargers
More results

Similar Description - FCPS-24S8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCPS-24F ETC1-FCPS-24F Datasheet
573Kb / 3P
   24 Volt, 6 Amp Remote Power Supply
logo
ON Semiconductor
NTD24N06-1G ONSEMI-NTD24N06-1G Datasheet
86Kb / 8P
   Power MOSFET 60 Volt, 24 Amp
August, 2005 ??Rev. 4
logo
List of Unclassifed Man...
FCPS-2404 ETC1-FCPS-2404 Datasheet
329Kb / 3P
   24 Volt, 4 Amp NAC Power Expander
logo
Vicor Corporation
PI2121 VICOR-PI2121 Datasheet
1Mb / 21P
   8 Volt, 24 Amp Full-Function Active ORing Solution
logo
ON Semiconductor
NTD24N06G ONSEMI-NTD24N06G Datasheet
75Kb / 8P
   Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
logo
Coolgear Inc.
FJ-2025 COOLGEAR-FJ-2025 Datasheet
347Kb / 2P
   12 Volt – 6 Amp DC Barrel Switching Power Supply
logo
Microsemi Corporation
UPS835L MICROSEMI-UPS835L Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
logo
DIOTEC Electronics Corp...
TVS6024PFC DEC-TVS6024PFC Datasheet
58Kb / 1P
   60 AMP 24 VOLT PRESS FIT TVS DIODES
logo
Microsemi Corporation
UPS835L MICROSEMI-UPS835L_01 Datasheet
488Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
logo
DIOTEC Electronics Corp...
TPFD-5024-1A DEC-TPFD-5024-1A Datasheet
32Kb / 1P
   50 AMP 24 VOLT PRESS FIT TVS DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com