Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EASSM2310MF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EASSM2310MF
Description  Timers Delay on Operate
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EASSM2310MF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EASSM2310MF Datasheet HTML 1Page - List of Unclassifed Manufacturers EASSM2310MF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (23.10.06)
1
Timers
Delay on Operate
Type EAS
Product Description
Ordering Key
Small, low-cost mono function
timer with adjustable time
setting.
Only
2-wire
con-
nection for easy and fail-safe
use (see diagram).
For mounting on DIN-rail or
directly
on
surface
by
screws. The timer is used
e.g. to delay small industrial
relays or 3-phase contactors.
Housing
Function
Small E-line
Output
Power supply
Time range
Fast-ON connection
Type Selection
Mounting
Output
Time range
Connection
Supply: 24 - 230 VAC/DC
For DIN-rail
SCR
0.5 - 10 s
Screws
EAS S M23 10S
or for screw
SCR
0.1 -1 m
Screws
EAS S M23 1M
SCR
1 - 10 m
Screws
EAS S M23 10M
For DIN-rail
SCR
0.5 - 10 s
Fast-ON
EAS S M23 10S F
or for screw
SCR
0.1 -1 m
Fast-ON
EAS S M23 1M F
SCR
1 - 10 m
Fast-ON
EAS S M23 10M F
Time Specifications
Time ranges
10 s
0.5 - 10 s
1 m
0.1 - 1 m
10 m
1
- 10 m
Time range accuracy
max. setting: actual time
≥ max. set time
min. setting: actual time
≤ min. set time
Repeat accuracy
≤ 0.2%
Time variation
Within rated power supply
≤ 0.1%/V
and ambient temperature
≤ 0.2%/°C
Reset
Time and output
Power supply interruption
≥ 200 ms
Output Specifications
• Fail-safe two-wire connection
• Low-cost
• Multi-voltage: 24-230 VAC
• Delay on operate
• Time range: 0.5 s - 10 m
• Knob-adjustable time setting
• Output: SCR 10-500 mA (screws) and SCR 10-700mA
(Fast-ON)
• For mounting on DIN-rail in accordance with
DIN/EN 50 022
• 22.5 mm small Euronorm housing
Supply Specifications
Power supply
Overvoltage cat. III (IEC 60664)
Rated operational voltage
(IEC 60038)
24-230 VAC/DC, -10/+15%
Rated insulation voltage
None
Output
SCR
Output current
Maximum load current
(screw terminals)
500 mA
(Fast-ON connection)
700 mA
Maximum current for 100 ms
(screw terminals)
5.5 A
(Fast-ON connection)
7 A
Minimum load current
10 mA
Leakage current
≤ 3.5 mA @ 230 V
typ.: 2 m
Voltage drop
≤ 8 VAC/DC
typ.: 5 VAC/DC @ 50 mA
EAS S M23 10S F
SCREW
FAST-ON


Similar Part No. - EASSM2310MF

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
EASSM2310MF CARLOGAVAZZI-EASSM2310MF Datasheet
110Kb / 2P
   Timers Delay on Operate Type EAS
More results

Similar Description - EASSM2310MF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAACT2310H ETC2-EAACT2310H Datasheet
49Kb / 2P
   Timers Delay on Operate
logo
Carlo Gavazzi Holding A...
DAA51 CARLOGAVAZZI-DAA51 Datasheet
90Kb / 2P
   Timers Delay on Operate
logo
List of Unclassifed Man...
A108024600 ETC2-A108024600 Datasheet
72Kb / 3P
   Timers Delay on Operate
DAA51CM24 ETC2-DAA51CM24 Datasheet
90Kb / 2P
   Timers Delay on Operate
DAA01CM24 ETC2-DAA01CM24 Datasheet
68Kb / 3P
   Timers Delay on Operate
FAA01DM24 ETC2-FAA01DM24 Datasheet
71Kb / 3P
   Timers Delay on Operate
logo
Carlo Gavazzi Holding A...
EAS CARLOGAVAZZI-EAS Datasheet
110Kb / 2P
   Timers Delay on Operate Type EAS
HAA08DM24 CARLOGAVAZZI-HAA08DM24 Datasheet
159Kb / 3P
   Timers Delay on Operate Types HAA08, HAA14
FAA01 CARLOGAVAZZI-FAA01 Datasheet
225Kb / 4P
   Timers Delay on Operate Types FAA01, FAA08
logo
Tyco Electronics
CLCU MACOM-CLCU Datasheet
51Kb / 2P
   Delay on operate timing mode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com