Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT3306PWG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74CBT3306PWG4
Description  DUAL FET BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3306PWG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74CBT3306PWG4 Datasheet HTML 3Page - Texas Instruments SN74CBT3306PWG4 Datasheet HTML 4Page - Texas Instruments SN74CBT3306PWG4 Datasheet HTML 5Page - Texas Instruments SN74CBT3306PWG4 Datasheet HTML 6Page - Texas Instruments SN74CBT3306PWG4 Datasheet HTML 7Page - Texas Instruments SN74CBT3306PWG4 Datasheet HTML 8Page - Texas Instruments SN74CBT3306PWG4 Datasheet HTML 9Page - Texas Instruments SN74CBT3306PWG4 Datasheet HTML 10Page - Texas Instruments SN74CBT3306PWG4 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - SN74CBT3306PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3306PW TI-SN74CBT3306PW Datasheet
62Kb / 4P
[Old version datasheet]   DUAL FET BUS SWITCH
More results

Similar Description - SN74CBT3306PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3306 TI1-SN74CB3T3306_16 Datasheet
903Kb / 19P
[Old version datasheet]   Dual FET Bus Switch
logo
Unisonic Technologies
U74CBT3306 UTC-U74CBT3306 Datasheet
250Kb / 4P
   DUAL FET BUS SWITCH
logo
Texas Instruments
SN74CBT3306 TI-SN74CBT3306 Datasheet
62Kb / 4P
[Old version datasheet]   DUAL FET BUS SWITCH
logo
Unisonic Technologies
U74CBT3306 UTC-U74CBT3306_15 Datasheet
200Kb / 4P
   DUAL FET BUS SWITCH
logo
Texas Instruments
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306DR TI-SN74CBTD3306DR Datasheet
769Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306 TI-SN74CBTD3306 Datasheet
74Kb / 5P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBT3305C TI1-SN74CBT3305C_15 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com