Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY320 Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # LY320
Description  YELLOW LAMP LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LY320 Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button LY320 Datasheet HTML 2Page - Seoul Semiconductor LY320 Datasheet HTML 3Page - Seoul Semiconductor LY320 Datasheet HTML 4Page - Seoul Semiconductor LY320 Datasheet HTML 5Page - Seoul Semiconductor LY320 Datasheet HTML 6Page - Seoul Semiconductor LY320 Datasheet HTML 7Page - Seoul Semiconductor LY320 Datasheet HTML 8Page - Seoul Semiconductor LY320 Datasheet HTML 9Page - Seoul Semiconductor LY320 Datasheet HTML 10Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
-6-
YELLOW LAMP LED
LY320
<070601> Rev. 0.1
서식번호 : QP-7-03-05 (Rev.00)
Bin Code Description
-
1
B
Forward Voltage
Dominant
Wavelength
Luminous
Intensity
Bin Code
Not yet available ranks
3500
2500
E
1600
1000
C
1000
700
B
700
450
A
2500
1600
D
5000
3500
F
Max.
Min.
Bin
Code
Luminous Intensity (mcd)
@ I
F = 20mA
590
586.5
2
586.5
583
1
596
590
3
Max.
Min.
Bin
Code
Dominant Wavelength (nm)
@ I
F = 20mA
2.7
1.9
-
Max.
Min.
Bin
Code
Forward Voltage (V)
@ I
F = 20mA


Similar Part No. - LY320

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LY320 SEOUL-LY320 Datasheet
385Kb / 12P
   YELLOW LAMP LED
logo
STMicroelectronics
LY3200ALH STMICROELECTRONICS-LY3200ALH Datasheet
239Kb / 13P
   MEMS motion sensor: high performance 짹2000 dps analog yaw-rate gyroscope
LY3200ALH STMICROELECTRONICS-LY3200ALH Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
LY3200ALHTR STMICROELECTRONICS-LY3200ALHTR Datasheet
239Kb / 13P
   MEMS motion sensor: high performance 짹2000 dps analog yaw-rate gyroscope
logo
Seoul Semiconductor
LY320Z SEOUL-LY320Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LY320

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LY350 SEOUL-LY350 Datasheet
89Kb / 10P
   YELLOW LAMP LED
logo
Micro Electronics
MYB68DA-3 MICRO-ELECTRONICS-MYB68DA-3 Datasheet
95Kb / 1P
   YELLOW LED LAMP
logo
Seoul Semiconductor
LY350 SEOUL-LY350_1 Datasheet
285Kb / 12P
   YELLOW LAMP LED
LY530 SEOUL-LY530 Datasheet
341Kb / 10P
   YELLOW LAMP LED
LY320 SEOUL-LY320_1 Datasheet
385Kb / 12P
   YELLOW LAMP LED
logo
Micro Electronics
MYB31DA MICRO-ELECTRONICS-MYB31DA Datasheet
111Kb / 1P
   YELLOW LED LAMP
logo
Seoul Semiconductor
LY530 SEOUL-LY530_1 Datasheet
401Kb / 12P
   YELLOW LAMP LED
logo
Micro Electronics
MYB100D MICRO-ELECTRONICS-MYB100D Datasheet
40Kb / 1P
   HIGH EFFICIENCY YELLOW LED LAMP
logo
LUMEX INC.
SSP-1156B153S12 LUMEX-SSP-1156B153S12 Datasheet
72Kb / 1P
   1156 LED REPLACEMENT LAMP, YELLOW.
logo
LightKey Optoelectronic...
LLC520UYC-B90 LIGHTKEY-LLC520UYC-B90 Datasheet
76Kb / 2P
   5mm Cylindrical Yellow LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com