Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDW-URD-U2 Datasheet(PDF) 7 Page - DOMINANT Semiconductors

Part # DDW-URD-U2
Description  LED InGaN - Reverse Gull-wing
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDW-URD-U2 Datasheet(HTML) 7 Page - DOMINANT Semiconductors

Back Button DDW-URD-U2 Datasheet HTML 2Page - DOMINANT Semiconductors DDW-URD-U2 Datasheet HTML 3Page - DOMINANT Semiconductors DDW-URD-U2 Datasheet HTML 4Page - DOMINANT Semiconductors DDW-URD-U2 Datasheet HTML 5Page - DOMINANT Semiconductors DDW-URD-U2 Datasheet HTML 6Page - DOMINANT Semiconductors DDW-URD-U2 Datasheet HTML 7Page - DOMINANT Semiconductors DDW-URD-U2 Datasheet HTML 8Page - DOMINANT Semiconductors DDW-URD-U2 Datasheet HTML 9Page - DOMINANT Semiconductors DDW-URD-U2 Datasheet HTML 10Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DOMINANT Semiconductors
26/12/03
DomiLED InGaN DDx-xRx - Catalogue-v2.doc
Page 7 of 7
Relative luminous intensity vs. forward current.
Forward current vs. forward voltage.
Radiation pattern.
Maximum forward current vs. temperature.
Relative Intensity vs. Wavelength
Dominant Wavelength vs. Forward Current
Relative Spectral Emission
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
400
450
500
550
600
650
700
750
800
Wavelength (nm)
White
Blue
True Green
Intensity vs. DC Forward Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
10
20304050
FORWARD CURRENT (mA)
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0
5
10
15
20
25
10
20
30
40
50
60
70
80
90
100
Ambient Temperature
Dominant Wavelength vs. Forward Current
468
469
470
471
472
473
474
475
476
0
5
10
15
20
25
30
IF (mA)
520
522
524
526
528
530
532
534
536
538
540
True Green
Blue
Forward Current (mA) vs. Forward Voltage
0
5
10
15
20
25
30
35
40
1
1.5
2
2.5
3
3.5
4
4.5
5
Forward Voltage (V)


Similar Part No. - DDW-URD-U2

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
DDW-UJ2-TU1-1 ROITHNER-DDW-UJ2-TU1-1 Datasheet
210Kb / 7P
   white SMD LED
logo
DOMINANT Semiconductors
DDW-UJD-T1 DOMINANT-DDW-UJD-T1 Datasheet
800Kb / 13P
   LED InGaN White
DDW-UJD-T2 DOMINANT-DDW-UJD-T2 Datasheet
800Kb / 13P
   LED InGaN White
DDW-UJD-TU2-1 DOMINANT-DDW-UJD-TU2-1 Datasheet
800Kb / 13P
   LED InGaN White
DDW-UJD-U1 DOMINANT-DDW-UJD-U1 Datasheet
800Kb / 13P
   LED InGaN White
More results

Similar Description - DDW-URD-U2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-21-UYC-S530-A4-TR10-1 EVERLIGHT-65-21-UYC-S530-A4-TR10-1 Datasheet
198Kb / 10P
   Mini TOP LEDs (Reverse Gull Wing)
65-21-GVC-AK2M1Z-3AA EVERLIGHT-65-21-GVC-AK2M1Z-3AA Datasheet
233Kb / 10P
   Mini Top LEDs (Reverse Gull Wing)
65-21-S2C-AR2T2B-3AA EVERLIGHT-65-21-S2C-AR2T2B-3AA Datasheet
213Kb / 10P
   Mini Top LEDs (Reverse Gull Wing)
65-21-SYGC-S530-E2-TR10-1 EVERLIGHT-65-21-SYGC-S530-E2-TR10-1 Datasheet
196Kb / 9P
   Mini TOP LEDs (Reverse Gull Wing)
logo
LUMEX INC.
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11 Datasheet
64Kb / 1P
   AXIAL LED, GULL WING LEADS
SSL-LXA228SGC-TR11 LUMEX-SSL-LXA228SGC-TR11 Datasheet
64Kb / 1P
   Axial LED, GUll WING LEADS
SSL-LXA228GC-TR11 LUMEX-SSL-LXA228GC-TR11 Datasheet
63Kb / 1P
   AXIAL LED, GULL WING LEADS
SSL-LXA228YC-TR11 LUMEX-SSL-LXA228YC-TR11 Datasheet
63Kb / 1P
   AXIAL LED, GULL WING LEADS
SSL-LXA228DRC-TR11 LUMEX-SSL-LXA228DRC-TR11 Datasheet
62Kb / 1P
   Axial LED, Gull Wing Leads
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11_17 Datasheet
65Kb / 1P
   Axial LED Gull WING LEADS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com