Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDW-JJD-M1 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDW-JJD-M1
Description  LED GaN
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDW-JJD-M1 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDW-JJD-M1 Datasheet HTML 1Page - DOMINANT Semiconductors DDW-JJD-M1 Datasheet HTML 2Page - DOMINANT Semiconductors DDW-JJD-M1 Datasheet HTML 3Page - DOMINANT Semiconductors DDW-JJD-M1 Datasheet HTML 4Page - DOMINANT Semiconductors DDW-JJD-M1 Datasheet HTML 5Page - DOMINANT Semiconductors DDW-JJD-M1 Datasheet HTML 6Page - DOMINANT Semiconductors DDW-JJD-M1 Datasheet HTML 7Page - DOMINANT Semiconductors DDW-JJD-M1 Datasheet HTML 8Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DOMINANT Semiconductors
15/03/05
DomiLED GaN DDx-xJx - Catalogue-v3.doc
Page 3 of 3
DDW, White Color Grouping
Chromaticity coordinate groups are measured with an accuracy of
±0.01.
Bin
W
Bin
X
A1
Cx
0.2775
0.2900
0.2900
0.2775
E1
Cx
0.3275 0.3400
0.3400 0.3275
Cy
0.2732
0.2939
0.3114
0.2907
Cy
0.3561 0.3768
0.3943 0.3736
A2
Cx
0.2775
0.2900
0.2900
0.2775
E2
Cx
0.3275 0.3400
0.3400 0.3275
Cy
0.2557
0.2764
0.2939
0.2732
Cy
0.3386 0.3593
0.3768 0.3561
A3
Cx
0.2900
0.3025
0.3025
0.2900
E3
Cx
0.3400 0.3525
0.3525 0.3400
Cy
0.2939
0.3146
0.3321
0.3114
Cy
0.3768 0.3975
0.4150 0.3943
A4
Cx
0.2900
0.3025
0.3025
0.2900
E4
Cx
0.3400 0.3525
0.3525 0.3400
Cy
0.2764
0.2971
0.3146
0.2939
Cy
0.3593 0.3800
0.3975 0.3768
C1
Cx
0.3025
0.3150
0.3150
0.3025
Cy
0.3146
0.3354
0.3529
0.3321
C2
Cx
0.3025
0.3150
0.3150
0.3025
Cy
0.2971
0.3179
0.3354
0.3146
C3
Cx
0.3150
0.3275
0.3275
0.3150
Cy
0.3354
0.3561
0.3736
0.3529
C4
Cx
0.3150
0.3275
0.3275
0.3150
Cy
0.3179
0.3386
0.3561
0.3354
Dominant color coordinate is measured with an accuracy of
±0.01
Dominant White Bin Structure
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
C3
C2
A2
E2
C1
C4
A1
A4
A3
E1
E4
E3


Similar Part No. - DDW-JJD-M1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDW-JJD-M2N-1-I1 DOMINANT-DDW-JJD-M2N-1-I1 Datasheet
783Kb / 12P
   High brightness surface mount LED
DDW-JJD-MN1-1-I1 DOMINANT-DDW-JJD-MN1-1-I1 Datasheet
783Kb / 12P
   High brightness surface mount LED
More results

Similar Description - DDW-JJD-M1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDB-KJS-LM2-1-I1 DOMINANT-DDB-KJS-LM2-1-I1 Datasheet
795Kb / 12P
   LED GaN
logo
Roithner LaserTechnik G...
383UBC ROITHNER-383UBC Datasheet
76Kb / 1P
   BLUE GaN LED
383UWC ROITHNER-383UWC Datasheet
29Kb / 1P
   WHITE GaN LED
logo
List of Unclassifed Man...
NSPW510S ETC2-NSPW510S Datasheet
41Kb / 1P
   WHITE GaN LED
MLB470-1330A ETC-MLB470-1330A Datasheet
32Kb / 2P
   470nm GaN Blue LED chip
logo
Micro Electronics
MLM-192 MICRO-ELECTRONICS-MLM-192 Datasheet
496Kb / 2P
   Visible LED Special Color-GaN, InGaN
MLM-S91 MICRO-ELECTRONICS-MLM-S91 Datasheet
338Kb / 2P
   Visible LED Special Color-GaN, InGaN
MLM-150 MICRO-ELECTRONICS-MLM-150_01 Datasheet
121Kb / 1P
   Visible LED Special Color GaN, InGaN
logo
Marktech Corporate
LP377PWH1-90G MARKTECH-LP377PWH1-90G Datasheet
262Kb / 3P
   Cotco P4 Ultra Bright White GaN LED
logo
RFHIC
GM20022005D RFHIC-GM20022005D Datasheet
636Kb / 5P
   GaN MMIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com