Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDB-KJS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDB-KJS
Description  LED GaN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDB-KJS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDB-KJS Datasheet HTML 1Page - DOMINANT Semiconductors DDB-KJS Datasheet HTML 2Page - DOMINANT Semiconductors DDB-KJS Datasheet HTML 3Page - DOMINANT Semiconductors DDB-KJS Datasheet HTML 4Page - DOMINANT Semiconductors DDB-KJS Datasheet HTML 5Page - DOMINANT Semiconductors DDB-KJS Datasheet HTML 6Page - DOMINANT Semiconductors DDB-KJS Datasheet HTML 7Page - DOMINANT Semiconductors DDB-KJS Datasheet HTML 8Page - DOMINANT Semiconductors DDB-KJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
27/06/2007 V(O)
2
DDB-KJS-LM2-1-I1
• DDB-KJS-L1
• DDB-KJS-L2
• DDB-KJS-M1
• DDB-KJS-M2
GaN
Blue, 470nm
120
11.2 - 28.5
11.2 - 14.0
14.0 - 18.0
18.0 - 22.4
22.4 - 28.5
GaN : DDx-KJS-I1
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 10mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Other luminious intensity groups are also available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping
Wavelength distribution (nm)
Color
DDB; Blue
Full
W
X
Y
464 - 476
464 - 468
468 - 472
472 - 476
Vr @ Ir = 10 µA
Electrical Characteristics at Ta=250C
Vf @ If = 10 mA
3.9
5.0
Forward Voltage, Vf is measured with an accuracy of ± 0.1 V.
Part Number
Typ. (V)
Max. (V)
Min. (V)
DDB-KJS
4.2


Similar Part No. - DDB-KJS

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDB-CJS-P1 DOMINANT-DDB-CJS-P1 Datasheet
806Kb / 15P
   LED InGaN
DDB-CJS-P2 DOMINANT-DDB-CJS-P2 Datasheet
806Kb / 15P
   LED InGaN
DDB-CJS-PQ2-1 DOMINANT-DDB-CJS-PQ2-1 Datasheet
806Kb / 15P
   LED InGaN
DDB-CJS-Q1 DOMINANT-DDB-CJS-Q1 Datasheet
806Kb / 15P
   LED InGaN
DDB-CJS-Q2 DOMINANT-DDB-CJS-Q2 Datasheet
806Kb / 15P
   LED InGaN
More results

Similar Description - DDB-KJS

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDB-JJS-KL2-1-I1 DOMINANT-DDB-JJS-KL2-1-I1 Datasheet
176Kb / 8P
   LED GaN
logo
Roithner LaserTechnik G...
383UBC ROITHNER-383UBC Datasheet
76Kb / 1P
   BLUE GaN LED
383UWC ROITHNER-383UWC Datasheet
29Kb / 1P
   WHITE GaN LED
logo
List of Unclassifed Man...
NSPW510S ETC2-NSPW510S Datasheet
41Kb / 1P
   WHITE GaN LED
MLB470-1330A ETC-MLB470-1330A Datasheet
32Kb / 2P
   470nm GaN Blue LED chip
logo
Micro Electronics
MLM-192 MICRO-ELECTRONICS-MLM-192 Datasheet
496Kb / 2P
   Visible LED Special Color-GaN, InGaN
MLM-S91 MICRO-ELECTRONICS-MLM-S91 Datasheet
338Kb / 2P
   Visible LED Special Color-GaN, InGaN
MLM-150 MICRO-ELECTRONICS-MLM-150_01 Datasheet
121Kb / 1P
   Visible LED Special Color GaN, InGaN
logo
Marktech Corporate
LP377PWH1-90G MARKTECH-LP377PWH1-90G Datasheet
262Kb / 3P
   Cotco P4 Ultra Bright White GaN LED
logo
RFHIC
GM20022005D RFHIC-GM20022005D Datasheet
636Kb / 5P
   GaN MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com