Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDT-UJS-T1 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDT-UJS-T1
Description  LED InGaN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDT-UJS-T1 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDT-UJS-T1 Datasheet HTML 1Page - DOMINANT Semiconductors DDT-UJS-T1 Datasheet HTML 2Page - DOMINANT Semiconductors DDT-UJS-T1 Datasheet HTML 3Page - DOMINANT Semiconductors DDT-UJS-T1 Datasheet HTML 4Page - DOMINANT Semiconductors DDT-UJS-T1 Datasheet HTML 5Page - DOMINANT Semiconductors DDT-UJS-T1 Datasheet HTML 6Page - DOMINANT Semiconductors DDT-UJS-T1 Datasheet HTML 7Page - DOMINANT Semiconductors DDT-UJS-T1 Datasheet HTML 8Page - DOMINANT Semiconductors DDT-UJS-T1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DDB-UJS-RS1-1
• DDB-UJS-R1
• DDB-UJS-R2
• DDB-UJS-S1
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Other luminious intensity groups are also available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
5. An optional Vf bining is also available upon request. Bining scheme is as per following table.
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 20mA IV (mcd)
InGaN : DDx-xJx
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN
Blue, 470nm
120
112.5 - 224.0
112.5 - 140.0
140.0 - 180.0
180.0 - 224.0
07/05/2007 V12.0
3


Similar Part No. - DDT-UJS-T1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDT-URS-T1 DOMINANT-DDT-URS-T1 Datasheet
185Kb / 10P
   LED InGaN - Reverse Gull-wing
DDT-URS-T2 DOMINANT-DDT-URS-T2 Datasheet
185Kb / 10P
   LED InGaN - Reverse Gull-wing
DDT-URS-TU2-1 DOMINANT-DDT-URS-TU2-1 Datasheet
185Kb / 10P
   LED InGaN - Reverse Gull-wing
DDT-URS-U1 DOMINANT-DDT-URS-U1 Datasheet
185Kb / 10P
   LED InGaN - Reverse Gull-wing
DDT-URS-U2 DOMINANT-DDT-URS-U2 Datasheet
185Kb / 10P
   LED InGaN - Reverse Gull-wing
More results

Similar Description - DDT-UJS-T1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDW-CJD-RS2-1 DOMINANT-DDW-CJD-RS2-1 Datasheet
800Kb / 13P
   LED InGaN White
DDW-DJD-UV2-1 DOMINANT-DDW-DJD-UV2-1 Datasheet
770Kb / 12P
   LED InGaN White
logo
Marktech Corporate
LC503TPG1-30G-A MARKTECH-LC503TPG1-30G-A Datasheet
207Kb / 2P
   5mm Green InGaN LED
logo
DOMINANT Semiconductors
DWW-UJG DOMINANT-DWW-UJG Datasheet
847Kb / 13P
   Power LED InGaN White
logo
Marktech Corporate
LC503MUV1-30Q-A MARKTECH-LC503MUV1-30Q-A Datasheet
65Kb / 2P
   5mm InGaN UV LED
LC503TBL1-30G-A MARKTECH-LC503TBL1-30G-A Datasheet
207Kb / 2P
   5mm Blue InGaN LED
logo
DOMINANT Semiconductors
DWW-SJD-TU2-1 DOMINANT-DWW-SJD-TU2-1 Datasheet
873Kb / 13P
   Power LED InGaN White
logo
Marktech Corporate
LC503TBL1-30H-A MARKTECH-LC503TBL1-30H-A Datasheet
208Kb / 2P
   5mm Blue InGaN LED
LC503TPG1-30H-A MARKTECH-LC503TPG1-30H-A Datasheet
209Kb / 2P
   5mm Green InGaN LED
LM1-PPG1-11 MARKTECH-LM1-PPG1-11 Datasheet
231Kb / 2P
   InGaN Green Power SMT LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com