Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDT-SJS-S1 Datasheet(PDF) 10 Page - DOMINANT Semiconductors

Part # DDT-SJS-S1
Description  LED InGaN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDT-SJS-S1 Datasheet(HTML) 10 Page - DOMINANT Semiconductors

Back Button DDT-SJS-S1 Datasheet HTML 6Page - DOMINANT Semiconductors DDT-SJS-S1 Datasheet HTML 7Page - DOMINANT Semiconductors DDT-SJS-S1 Datasheet HTML 8Page - DOMINANT Semiconductors DDT-SJS-S1 Datasheet HTML 9Page - DOMINANT Semiconductors DDT-SJS-S1 Datasheet HTML 10Page - DOMINANT Semiconductors DDT-SJS-S1 Datasheet HTML 11Page - DOMINANT Semiconductors DDT-SJS-S1 Datasheet HTML 12Page - DOMINANT Semiconductors DDT-SJS-S1 Datasheet HTML 13Page - DOMINANT Semiconductors DDT-SJS-S1 Datasheet HTML 14Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
07/05/2007 V12.0
10
Taping and orientation
• Reels come in quantity of 2000 units.
• Reel diameter is 180 mm.
InGaN : DDx-xJx
DOMINANT TM
Semiconductors
Innovating Illumination


Similar Part No. - DDT-SJS-S1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDT-SJE-ST2-1 DOMINANT-DDT-SJE-ST2-1 Datasheet
816Kb / 14P
   LED Colored Resin
More results

Similar Description - DDT-SJS-S1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDW-CJD-RS2-1 DOMINANT-DDW-CJD-RS2-1 Datasheet
800Kb / 13P
   LED InGaN White
DDW-DJD-UV2-1 DOMINANT-DDW-DJD-UV2-1 Datasheet
770Kb / 12P
   LED InGaN White
logo
Marktech Corporate
LC503TPG1-30G-A MARKTECH-LC503TPG1-30G-A Datasheet
207Kb / 2P
   5mm Green InGaN LED
logo
DOMINANT Semiconductors
DWW-UJG DOMINANT-DWW-UJG Datasheet
847Kb / 13P
   Power LED InGaN White
logo
Marktech Corporate
LC503MUV1-30Q-A MARKTECH-LC503MUV1-30Q-A Datasheet
65Kb / 2P
   5mm InGaN UV LED
LC503TBL1-30G-A MARKTECH-LC503TBL1-30G-A Datasheet
207Kb / 2P
   5mm Blue InGaN LED
logo
DOMINANT Semiconductors
DWW-SJD-TU2-1 DOMINANT-DWW-SJD-TU2-1 Datasheet
873Kb / 13P
   Power LED InGaN White
logo
Marktech Corporate
LC503TBL1-30H-A MARKTECH-LC503TBL1-30H-A Datasheet
208Kb / 2P
   5mm Blue InGaN LED
LC503TPG1-30H-A MARKTECH-LC503TPG1-30H-A Datasheet
209Kb / 2P
   5mm Green InGaN LED
LM1-PPG1-11 MARKTECH-LM1-PPG1-11 Datasheet
231Kb / 2P
   InGaN Green Power SMT LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com