Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDB-SRS-Q1 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDB-SRS-Q1
Description  LED InGaN - Reverse Gull-wing
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDB-SRS-Q1 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDB-SRS-Q1 Datasheet HTML 1Page - DOMINANT Semiconductors DDB-SRS-Q1 Datasheet HTML 2Page - DOMINANT Semiconductors DDB-SRS-Q1 Datasheet HTML 3Page - DOMINANT Semiconductors DDB-SRS-Q1 Datasheet HTML 4Page - DOMINANT Semiconductors DDB-SRS-Q1 Datasheet HTML 5Page - DOMINANT Semiconductors DDB-SRS-Q1 Datasheet HTML 6Page - DOMINANT Semiconductors DDB-SRS-Q1 Datasheet HTML 7Page - DOMINANT Semiconductors DDB-SRS-Q1 Datasheet HTML 8Page - DOMINANT Semiconductors DDB-SRS-Q1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DOMINANT Semiconductors
26/12/03
DomiLED InGaN DDx-xRx - Catalogue-v2.doc
Page 3 of 3
Part Ordering Number
Chip Technology /
Color
Viewing
angle
Luminous Intensity @ If = 20mA
Iv ( mcd )
DDW-CRD-RS2-1
DDW-CRD-R1
DDW-CRD-R2
DDW-CRD-S1
DDW-CRD-S2
DDW-CRD-ST1-1
DDW-CRD-S1
DDW-CRD-S2
DDW-CRD-T1
DDW-SRD-ST2-1
DDW-SRD-S1
DDW-SRD-S2
DDW-SRD-T1
DDW-SRD-T2
DDW-URD-TU2-1
DDW-URD-T1
DDW-URD-T2
DDW-URD-U1
DDW-URD-U2
DDW-URD-UV1-1
DDW-URD-U1
DDW-URD-U2
DDW-URD-V1
InGaN /
White
120
112.5 … 285.0
112.5 … 140.0
140.0 … 180.0
180.0 … 224.0
224.0 … 285.0
180.0 … 355.0
180.0 … 224.0
224.0 … 285.0
285.0 … 355.0
180.0 … 450.0
180.0 … 224.0
224.0 … 285.0
285.0 … 355.0
355.0 … 450.0
285.0 … 715.0
285.0 … 355.0
355.0 … 450.0
450.0 … 560.0
560.0 … 715.0
450.0 … 900.0
450.0 … 560.0
560.0 … 715.0
715.0 … 900.0
NOTE:
1.
All part number above comes in a quantity of 2000 units per reel.
2.
Other luminous intensity groups are also available upon request.
3.
Luminous intensity is measured with an accuracy of
±11%.
4.
Wavelength binning is carried for all units as per the wavelength-binning table. Only one
wavelength group is allowed for each reel.
5.
An optional Vf binning is also available upon request. Binning scheme is as per following table.


Similar Part No. - DDB-SRS-Q1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDB-SJE-P1 DOMINANT-DDB-SJE-P1 Datasheet
816Kb / 14P
   LED Colored Resin
DDB-SJE-P2 DOMINANT-DDB-SJE-P2 Datasheet
816Kb / 14P
   LED Colored Resin
DDB-SJE-PQ2-1 DOMINANT-DDB-SJE-PQ2-1 Datasheet
816Kb / 14P
   LED Colored Resin
DDB-SJE-Q1 DOMINANT-DDB-SJE-Q1 Datasheet
816Kb / 14P
   LED Colored Resin
DDB-SJE-Q2 DOMINANT-DDB-SJE-Q2 Datasheet
816Kb / 14P
   LED Colored Resin
More results

Similar Description - DDB-SRS-Q1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-21-UYC-S530-A4-TR10-1 EVERLIGHT-65-21-UYC-S530-A4-TR10-1 Datasheet
198Kb / 10P
   Mini TOP LEDs (Reverse Gull Wing)
65-21-GVC-AK2M1Z-3AA EVERLIGHT-65-21-GVC-AK2M1Z-3AA Datasheet
233Kb / 10P
   Mini Top LEDs (Reverse Gull Wing)
65-21-S2C-AR2T2B-3AA EVERLIGHT-65-21-S2C-AR2T2B-3AA Datasheet
213Kb / 10P
   Mini Top LEDs (Reverse Gull Wing)
65-21-SYGC-S530-E2-TR10-1 EVERLIGHT-65-21-SYGC-S530-E2-TR10-1 Datasheet
196Kb / 9P
   Mini TOP LEDs (Reverse Gull Wing)
logo
LUMEX INC.
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11 Datasheet
64Kb / 1P
   AXIAL LED, GULL WING LEADS
SSL-LXA228SGC-TR11 LUMEX-SSL-LXA228SGC-TR11 Datasheet
64Kb / 1P
   Axial LED, GUll WING LEADS
SSL-LXA228GC-TR11 LUMEX-SSL-LXA228GC-TR11 Datasheet
63Kb / 1P
   AXIAL LED, GULL WING LEADS
SSL-LXA228YC-TR11 LUMEX-SSL-LXA228YC-TR11 Datasheet
63Kb / 1P
   AXIAL LED, GULL WING LEADS
SSL-LXA228DRC-TR11 LUMEX-SSL-LXA228DRC-TR11 Datasheet
62Kb / 1P
   Axial LED, Gull Wing Leads
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11_17 Datasheet
65Kb / 1P
   Axial LED Gull WING LEADS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com