Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA904012003AC660V60HZ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BA904012003AC660V60HZ
Description  Monitoring technique
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BA904012003AC660V60HZ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BA904012003AC660V60HZ Datasheet HTML 1Page - List of Unclassifed Manufacturers BA904012003AC660V60HZ Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MK 9040N
Monitoring technique
Asymmetry relay BA 9040, MK 9040N
varimeter
· According to IEC 255, EN 60 255, VDE 0435 part 303
· Recognition of
- voltage asymmetry
- phase failure
- voltage feedback
- optionally with phase sequence recognition
· Optionally with adjustable response delay
· Insensitive against
- symmetric harmonics up to K-factor K 20 %
· 2 LED displays for power supply and state of contact
· BA 9040:
width 45 mm
MK 9040N: width 22,5 mm
BA 9040, MK 9040N / 19.11.03 d
Approvals and marking
Applications
Monitoring three-phase mains for voltage asymmetry, phase failure or
incorrect phase sequence, e.g. in elevators, escalators, crane systems
etc.
Indications
upper LED:
on when supply voltage connected
lower LED:
on when output relay energized
Technical data
Input
Nomianl voltage U
N:
3 AC 400 V
Voltage range:
0,8 ... 1,1 U
N
Nominal consumption:
BA 9040:
approx. 4,8 VA
MK 9040N:
7 VA
Nominal frequency:
50 / 60 Hz
Frequency range:
45 ... 65 Hz
Temperature influence:
< 0,05 % / K
Frequency influence:
< 0,02 % / Hz
Resistance of harmonics
symmetric:
K-factor K 20 %
Setting ranges
Setting range:
5 ... 15 % voltage asymmetry
Repeat accuracy:
£ 0,5 %
Release ratio:
< 4 % U
N
Voltage feedback
recognition:
up to 100 % - setting value,
e.g. when setting value = 5 %
asymmetry, 100 % - 5 % = 95 %
Recognition of voltage feedback
up to 95 %
Time delay t
v
BA 9040:
0,5 ... 5 s
MK 9040N:
0,5 ... 10 s
Output
Contacts
2 changeover contacts
Response/release time:
BA 9040:
£ 1 s / £ 250 ms
MK 9040N:
£ 1,5 s / £ 250 ms
Thermal current I
th:
6 A (see continuous current limit
curve)
Function diagram
Circuit diagram
BA 9040.12
All technical data in this list relate to the state at the moment of edition. We reserve the right
for technical improvements and changes at any time.
11
21
14
24
12
22
M7353_c
L1 L2
11
L3
21
L1
L2
L3
14
12
24
22
Canada / USA
*
* only for BA 9040 (see variants)
Asym. [%]
100
setting value
U
U
U
L1
L2
L3
11-14
11-14
11-14
11-14
11-12
11-12
11-12
11-12
BA9040
MK9040N
/001
/010
/011
t
t
t
t
tv
tv
tv
tv
M7084_a
asymmetry
phase failure
phase
sequence
L1
22 24
L2
21
11
L3
14
12
M8482_a
21
11
L1
L2
L3
22
12
24
14
MK 9040N.12
BA 9040


Similar Part No. - BA904012003AC660V60HZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA9026 ETC1-BA9026 Datasheet
69Kb / 2P
   Power Electronics, Softstarter with softstop ministart
BA90263AC503 ETC1-BA90263AC503 Datasheet
69Kb / 2P
   Power Electronics, Softstarter with softstop ministart
logo
Rohm
BA90BC0FP ROHM-BA90BC0FP Datasheet
358Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA90BC0FP ROHM-BA90BC0FP Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BA90BC0FP-E2 ROHM-BA90BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

Similar Description - BA904012003AC660V60HZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R317072000 ETC2-R317072000 Datasheet
56Kb / 2P
   NOTICE TECHNIQUE
R191970061 ETC2-R191970061 Datasheet
31Kb / 1P
   FICHE TECHNIQUE
R605005000 ETC2-R605005000 Datasheet
98Kb / 2P
   FICHE TECHNIQUE
logo
Analog Intergrations Co...
AN011 AIC-AN011 Datasheet
98Kb / 5P
   cost-effective technique
logo
PETERMANN-TECHNIK
M6300 PETERMANN-M6300 Datasheet
120Kb / 2P
   FUNDAMENTAL TECHNIQUE FOR LOW JITTER
logo
STMicroelectronics
AN1696 STMICROELECTRONICS-AN1696 Datasheet
622Kb / 11P
   Load sharing is a technique commonly
logo
Hotchip Technology Co.,...
PB0056E HOTCHIP-PB0056E Datasheet
1Mb / 8P
   Boost output using intelligent thermostat technique
logo
List of Unclassifed Man...
DFB01CM24 ETC2-DFB01CM24 Datasheet
112Kb / 3P
   Monitoring Relays Frequency Monitoring
logo
OSRAM GmbH
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
   Health Monitoring (Heart Rate Monitoring,
logo
Sangdest Microelectroni...
KBL4005 SMC-KBL4005 Datasheet
271Kb / 4P
   Reliable low cost construction utilizing molded plastic technique
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com