Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMR-CLD-PQ1-1 Datasheet(PDF) 7 Page - DOMINANT Semiconductors

Part # SMR-CLD-PQ1-1
Description  AlInGaP MSpice
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SMR-CLD-PQ1-1 Datasheet(HTML) 7 Page - DOMINANT Semiconductors

  SMR-CLD-PQ1-1 Datasheet HTML 1Page - DOMINANT Semiconductors SMR-CLD-PQ1-1 Datasheet HTML 2Page - DOMINANT Semiconductors SMR-CLD-PQ1-1 Datasheet HTML 3Page - DOMINANT Semiconductors SMR-CLD-PQ1-1 Datasheet HTML 4Page - DOMINANT Semiconductors SMR-CLD-PQ1-1 Datasheet HTML 5Page - DOMINANT Semiconductors SMR-CLD-PQ1-1 Datasheet HTML 6Page - DOMINANT Semiconductors SMR-CLD-PQ1-1 Datasheet HTML 7Page - DOMINANT Semiconductors SMR-CLD-PQ1-1 Datasheet HTML 8Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DOMINANT Semiconductors
02/06/04
M SpiceLED AlInGaP SMx-CLD-pv4
Page 7 of 8
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Recommended IR-reflow Soldering Profile.
Classification Reflow Profile (JEDEC J-STD-020B)
25
50
75
100
125
150
175
200
225
250
275
0
50
100
150
200
Time (sec)
Preheat
60-120s
183 oC
60-150s
Ramp-up
3 oC/sec
max.
Ramp-dow n
6 oC/sec
max.
235-240oC
10-30s
360s max


Similar Part No. - SMR-CLD-PQ1-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMR-001T-0.6 ETC2-SMR-001T-0.6 Datasheet
232Kb / 8P
   Crimping tools and machines
SMR-001T-0.6 ETC2-SMR-001T-0.6 Datasheet
224Kb / 8P
   APPLICATION TOOLING
SMR-02V-B ETC2-SMR-02V-B Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMR-02V-N ETC2-SMR-02V-N Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMR-03V-B ETC2-SMR-03V-B Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results

Similar Description - SMR-CLD-PQ1-1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMA-C265 HP-HSMA-C265 Datasheet
367Kb / 5P
   AlInGaP chipLED
logo
DOMINANT Semiconductors
DDH-CJS-PQ2-1 DOMINANT-DDH-CJS-PQ2-1 Datasheet
804Kb / 16P
   LED AlInGaP
logo
Vishay Siliconix
TLHE44R1S2-26 VISHAY-TLHE44R1S2-26 Datasheet
106Kb / 5P
   AlInGaP technology
Rev. 1.4, 14-Oct-14
logo
DOMINANT Semiconductors
NPR-SSS-WX2-1 DOMINANT-NPR-SSS-WX2-1 Datasheet
533Kb / 12P
   AlInGaP : SPNovaLED
DDS-CJS-J2L1-1-I2 DOMINANT-DDS-CJS-J2L1-1-I2 Datasheet
760Kb / 12P
   LED AlInGaP
DDS-EJS-S2T-1 DOMINANT-DDS-EJS-S2T-1 Datasheet
780Kb / 12P
   LED AlInGaP
DDH-CRS-PQ2-1 DOMINANT-DDH-CRS-PQ2-1 Datasheet
630Kb / 11P
   LED - AlInGaP
logo
Vishay Siliconix
TLHE42T2V1 VISHAY-TLHE42T2V1 Datasheet
107Kb / 5P
   AlInGaP technology
Rev. 1.2, 14-Oct-14
TLLE4401 VISHAY-TLLE4401 Datasheet
110Kb / 6P
   AlInGaP technology
Rev. 1.5, 14-Oct-14
logo
Agilent(Hewlett-Packard...
HSME-C110 HP-HSME-C110 Datasheet
216Kb / 12P
   AlInGaP Green ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com