Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMW Datasheet(PDF) 11 Page - DOMINANT Semiconductors

Part # SMW
Description  SpiceLED InGaN White M-Spice
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SMW Datasheet(HTML) 11 Page - DOMINANT Semiconductors

Back Button SMW Datasheet HTML 4Page - DOMINANT Semiconductors SMW Datasheet HTML 5Page - DOMINANT Semiconductors SMW Datasheet HTML 6Page - DOMINANT Semiconductors SMW Datasheet HTML 7Page - DOMINANT Semiconductors SMW Datasheet HTML 8Page - DOMINANT Semiconductors SMW Datasheet HTML 9Page - DOMINANT Semiconductors SMW Datasheet HTML 10Page - DOMINANT Semiconductors SMW Datasheet HTML 11Page - DOMINANT Semiconductors SMW Datasheet HTML 12Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
23/02/2006 V1.0
11
Recommended Sn-Pb IR-Reflow Soldering Profile
275
250
225
200
175
150
125
100
75
50
25
0
50
100
150
200
183˚C
Ramp-up
3˚C/sec max.
235-240˚C
10-30s
60-150s
Ramp-
down
6˚C/sec
max.
Preheat 60-120s
360s max
Time (sec)
Classification Reflow Profile (JEDEC J-STD-020C)
0
50
100
150
200
300
250
225
200
175
150
125
100
75
50
25
275
Classification Reflow Profile (JEDEC J-STD-020C)
Ramp-up
3˚C/sec max.
255-260˚C
10-30s
60-150s
Ramp-
down
6˚C/sec
max.
Preheat 60-180s
480s max
217˚C
Recommended Pb-free Soldering Profile
InGaN White M-Spice : SMW-ULD
DOMINANT TM
Semiconductors
Innovating Illumination


Similar Part No. - SMW

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SMW-SLD DOMINANT-SMW-SLD Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
SMW-SLD-L1 DOMINANT-SMW-SLD-L1 Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
SMW-SLD-L2 DOMINANT-SMW-SLD-L2 Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
SMW-SLD-L2N1-1 DOMINANT-SMW-SLD-L2N1-1 Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
SMW-SLD-LM2-1 DOMINANT-SMW-SLD-LM2-1 Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
More results

Similar Description - SMW

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SMW-SLD DOMINANT-SMW-SLD Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
SMT-ULD-ST1-1 DOMINANT-SMT-ULD-ST1-1 Datasheet
619Kb / 11P
   SpiceLED InGaN M-Spice
SMT-SLD-L2N1-1 DOMINANT-SMT-SLD-L2N1-1 Datasheet
625Kb / 12P
   SpiceLED InGaN M-Spice
SSW-ULD DOMINANT-SSW-ULD Datasheet
780Kb / 12P
   SpiceLED InGaN White S-Spice
SSW-SLD DOMINANT-SSW-SLD Datasheet
778Kb / 12P
   SpiceLED InGaN White S-Spice
SST-SLD-L2N1-1 DOMINANT-SST-SLD-L2N1-1 Datasheet
788Kb / 12P
   SpiceLED InGaN S-Spice
SST-ULD-ST1-1 DOMINANT-SST-ULD-ST1-1 Datasheet
784Kb / 11P
   SpiceLED InGaN S-Spice
SSS-CLD-HJ2-I2 DOMINANT-SSS-CLD-HJ2-I2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSX-CLD-I2 DOMINANT-SSX-CLD-I2_16 Datasheet
967Kb / 14P
   SpiceLED
DDW-CJD-RS2-1 DOMINANT-DDW-CJD-RS2-1 Datasheet
800Kb / 13P
   LED InGaN White
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com