Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1217 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT1217
Description  600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1217 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT1217 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1217 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1217 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1217 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1217 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1217 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1217 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1217 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1217 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
TheAAT1217 a high efficiency, synchronous, fixed
frequency, step-up converter designed for single-
cell or dual-cell alkaline, NiMH, or NiCd battery-
powered applications. The high 1.2MHz switching
frequency and completely integrated control cir-
cuitry minimize the total solution footprint area
while maintaining excellent regulation, ripple, and
transient response throughout the full load range.
Pulse skipping mode operation and low quiescent
current allow the AAT1217 to maintain high effi-
ciency performance for light load and sleep mode
conditions. With a 1.2A peak switch current limit,
theAAT1217 is capable of delivering 100mAto the
loadfromasingleAAcellorupto400mAfromdual
AA cells. The AAT1217 has a 0.85V start-up volt-
age with operation down to 0.5V.
TheAAT1217 is available in a Pb-free, space-sav-
ing low profile (1mm) 6-pin TSOT23 package and
is rated over the -40°C to +85°C ambient tempera-
ture range.
Features
•VIN Operation Range: 0.5V to VOUT
•VOUT Range: 2.5V to 5.5V
• 100mAOutput from a SingleAACell Input
• 400mAOutput from a DualAACell Input
• High Efficiency: Up to 93% Efficiency
• Low Start-Up Voltage: 0.85V Typical
• Internal Synchronous Rectifier
—VOUT ≤ 4.5V: No External Schottky Diode
• Fixed Frequency Pulse Width Modulation
(PWM) Current-Mode Control Scheme with
Internal Compensation
• 1.2MHz Fixed Switching Frequency
• 1.2ACurrent Limit
• Light Load Pulse Skipping Mode Operation
• Low 80µANo Load Input Current
• Over-Current Protection
• EMI ReductionAnti-Ringing Control Circuitry
• Low Shutdown Current: <1.0µA
• -40°C to +85°CAmbient Temperature Range
• Low Profile (1mm) TSOT23-6 Package
Applications
• Cellular and Smart Phones
• Digital Still and Video Cameras
• Microprocessors and DSP Core Supplies
• MP3 Player
• Portable Instruments
• Wireless and DSLModems
AAT1217
600mA, 1.2MHz, Micropower
Synchronous Step-Up Converter
TypicalApplication
FB
VIN
SHDN
GND
VOUT
AAT1217-1.2
CIN
4.7µF
VIN: 0.85V
L1
4.7µH
R1
1.02MΩ
R2
604kΩ
VOUT:
3.3V,100mA
SW
R3
1MΩ
COUT
4.7µF
FB
VIN
SHDN
GND
VOUT
AAT1217-3.3
CIN
4.7µF
VIN:0.85V
L1
4.7µH
VOUT:
3.3V,100mA
SW
R3
1MΩ
COUT
4.7µF
1217.2007.07.1.0
1
SwitchReg


Similar Part No. - AAT1217

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217 Datasheet
346Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
Skyworks Solutions Inc.
AAT1217 SKYWORKS-AAT1217 Datasheet
1,001Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
Advanced Analogic Techn...
AAT1217ICA-1.2-T1 ANALOGICTECH-AAT1217ICA-1.2-T1 Datasheet
346Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
Skyworks Solutions Inc.
AAT1217ICA-1.2-T1 SKYWORKS-AAT1217ICA-1.2-T1 Datasheet
1,001Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
Advanced Analogic Techn...
AAT1217ICA-3.3-T1 ANALOGICTECH-AAT1217ICA-3.3-T1 Datasheet
346Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
More results

Similar Description - AAT1217

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1217 SKYWORKS-AAT1217 Datasheet
1,001Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217_08 Datasheet
346Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3603 FOSLINK-FSP3603 Datasheet
329Kb / 9P
   1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
logo
Analog Intergrations Co...
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
   1.2MHz Synchronous Step-Up Converter
logo
AiT Semiconductor Inc.
A7566 AITSEMI-A7566 Datasheet
553Kb / 11P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.1
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
logo
Analog Intergrations Co...
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
   1.2MHz Synchronous Step-Up Converter
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400B LINER-LTC3400B_15 Datasheet
223Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400-1 LINER-LTC3400-1_15 Datasheet
300Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com