Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1053 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TJA1053
Description  Fault-tolerant CAN transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1053 Datasheet(HTML) 2 Page - NXP Semiconductors

  TJA1053 Datasheet HTML 1Page - NXP Semiconductors TJA1053 Datasheet HTML 2Page - NXP Semiconductors TJA1053 Datasheet HTML 3Page - NXP Semiconductors TJA1053 Datasheet HTML 4Page - NXP Semiconductors TJA1053 Datasheet HTML 5Page - NXP Semiconductors TJA1053 Datasheet HTML 6Page - NXP Semiconductors TJA1053 Datasheet HTML 7Page - NXP Semiconductors TJA1053 Datasheet HTML 8Page - NXP Semiconductors TJA1053 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1997 Oct 15
2
Philips Semiconductors
Preliminary specification
Fault-tolerant CAN transceiver
TJA1053
FEATURES
Optimized for in-car low-speed communication
• Baud rate up to 125 kbaud
• Up to 32 nodes can be connected
• Supports unshielded bus wires
• Low RFI due to built-in slope control function
• Fully integrated receiver filters
• Permanent dominant monitoring of TXD.
Bus failure management
• Supports one-wire transmission modes with ground
offset voltages up to 1.5 V
• Automatic switching to single-wire mode in the event of
bus failure
• Automatic reset to differential mode if bus failure is
removed.
Protection
• Short-circuit proof to battery and ground in 12 V
powered systems
• Thermally protected
• Bus lines protected against transients in an automotive
environment
• An unpowered node does not disturb the bus lines.
Support for low-power modes
• Low current sleep/standby mode with wake-up via the
bus lines
• Power-on reset flag on the output.
GENERAL DESCRIPTION
The TJA1053 is the interface between the CAN protocol
controller and the physical bus. It is primarily intended for
low-speed applications, up to 125 kbaud, in passenger
cars. The device provides differential transmit capability
but will switch in error conditions to a single-wire
transmitter and/or receiver. The TJA1053 is derived from
the PCA82C252.
1. It is better equipped for networks with more than
15 nodes
2. A timer has been integrated at the TXD input to
prevent a permanent dominant state
3. Reduced supply current in VCC standby mode
4. CANH output driver is disabled in the event that CANH
is short-circuited to battery failure mode.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MIN.
UNIT
VCC
supply voltage
4.75
5.25
V
VBAT
battery voltage
no time limit
−0.3
+27
V
operating
6.0
27
V
load dump
−−
40
V
Isleep
sleep mode current
VCC =0V; VBAT =12V
65
−µA
VCANH,VCANL CANH, CANL input voltage
VCC = 0 to 5.5 V; VBAT ≥ 0V;
no time limit
−10
+27
V
VCC = 0 to 5.5 V; VBAT ≥ 0V;
t < 0.1 ms; load dump
−40
+40
V
VDROP(H)
CANH transmitter drop voltage ICANH =40mA
−−
1.4
V
VDROP(L)
CANL transmitter drop voltage
ICANL =40mA
−−
1.4
V
tPD
propagation delay
TXD to RXD
1
−µs
tf
bus output fall time
90% to 10%
0.5
−µs
tr
bus output rise time
10% to 90%
0.5
−µs
Tamb
operating ambient temperature
−40
+125
°C


Similar Part No. - TJA1053

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1050 PHILIPS-TJA1050 Datasheet
76Kb / 16P
   High speed CAN transceiver
1999 Sep 27
TJA1050 NXP-TJA1050 Datasheet
1Mb / 121P
   Application Hints - Standalone high speed CAN transceiver
Rev.01.40-27 April 2015
TJA1050T PHILIPS-TJA1050T Datasheet
76Kb / 16P
   High speed CAN transceiver
1999 Sep 27
TJA1050T NXP-TJA1050T Datasheet
120Kb / 18P
   High speed CAN transceiver
2003 Oct 22
TJA1050TD-T NXP-TJA1050TD-T Datasheet
120Kb / 18P
   High speed CAN transceiver
2003 Oct 22
More results

Similar Description - TJA1053

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
logo
STMicroelectronics
L9669 STMICROELECTRONICS-L9669 Datasheet
205Kb / 13P
   FAULT TOLERANT CAN TRANSCEIVER
logo
NXP Semiconductors
TJA1054_1008 NXP-TJA1054_1008 Datasheet
811Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 4-3 August 2010
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
   Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
logo
ON Semiconductor
AMIS41682NGA ONSEMI-AMIS41682NGA Datasheet
259Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
   Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682_15 Datasheet
219Kb / 16P
   Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com