Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1050T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TJA1050T
Description  High speed CAN transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1050T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TJA1050T Datasheet HTML 2Page - NXP Semiconductors TJA1050T Datasheet HTML 3Page - NXP Semiconductors TJA1050T Datasheet HTML 4Page - NXP Semiconductors TJA1050T Datasheet HTML 5Page - NXP Semiconductors TJA1050T Datasheet HTML 6Page - NXP Semiconductors TJA1050T Datasheet HTML 7Page - NXP Semiconductors TJA1050T Datasheet HTML 8Page - NXP Semiconductors TJA1050T Datasheet HTML 9Page - NXP Semiconductors TJA1050T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Sep 27
6
Philips Semiconductors
Preliminary specification
High speed CAN transceiver
TJA1050
CHARACTERISTICS
VCC = 4.75 to 5.25 V; Tamb = −40 to +125 °C; RL =60 Ω unless specified otherwise; all voltages are referenced to GND
(pin 2); positive currents flow into the IC; all parameters are guaranteed over the ambient temperature range by design,
but only 100% tested at Tamb =25 °C unless specified otherwise.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (VCC)
ICC
supply current
dominant; VTXD =0V
tbf
75
mA
recessive; VTXD =VCC
tbf
13
mA
Transmitter data input (TXD)
VIH
HIGH-level input voltage
output recessive
2.0
VCC + 0.3 V
VIL
LOW-level input voltage
output dominant
−0.3
+0.8
V
IIH
HIGH-level input current
VTXD =VCC
−30
0
+30
µA
IIL
LOW-level input current
VTXD =0V
−100
−200
−300
µA
Ci(TXD)
TXD input capacitance
not tested
−−
tbf
pF
Mode select input (S)
VIH
HIGH-level input voltage
silent mode
2.0
VCC + 0.3 V
VIL
LOW-level input voltage
high speed mode
−0.3
+0.8
V
IIH
HIGH-level input current
VS =VCC
30
60
100
µA
IIL
LOW-level input current
VS =0V
−30
0
+30
µA
Receiver data output (RXD)
IOH
HIGH-level output current
VRXD = 0.7 VCC
tbf
tbf
tbf
mA
IOL
LOW-level output current
VRXD = 0.45 V
2
8.5
20
mA
Vref
Vref
reference output voltage
−50 µA<IVref <50 µA
0.45VCC
0.5VCC
0.55VCC
V
Bus lines (CANH; CANL)
VCANH(reces);
VCANL(reces)
recessive bus voltage
VTXD =VCC; no load
2.0
3.0
V
Io(CANH)(reces);
Io(CANL)(reces)
recessive output current
−27V<VCANH,
VCANL <32V;
0V<VCC < 5.25 V
−2.5
+2.5
mA
Vo(CANH)
CANH dominant output
voltage
VTXD = 0 V
2.8
4.5
V
Vo(CANL)
CANL dominant output
voltage
0.5
2.0
V
Vi(dif)(bus)
differential bus input voltage
(VCANH − VCANL)
VTXD =0V;
42.5 < RL <60 Ω
(dominant)
1.5
3.0
V
VTXD =VCC; no load
(recessive)
−500
+50
mV
Io(sc)(CANH)
CANH short-circuit output
current
VCANH =0V;
VTXD =0V
−35
−−95
mA
Io(sc)(CANL)
CANL short-circuit output
current
VCANL =36V;
VTXD =0V
35
150
mA


Similar Part No. - TJA1050T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1050T NXP-TJA1050T Datasheet
120Kb / 18P
   High speed CAN transceiver
2003 Oct 22
TJA1050TD-T NXP-TJA1050TD-T Datasheet
120Kb / 18P
   High speed CAN transceiver
2003 Oct 22
More results

Similar Description - TJA1050T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com