Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC547 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BC547
Description  NPN general purpose transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC547 Datasheet(HTML) 6 Page - NXP Semiconductors

  BC547_04 Datasheet HTML 1Page - NXP Semiconductors BC547_04 Datasheet HTML 2Page - NXP Semiconductors BC547_04 Datasheet HTML 3Page - NXP Semiconductors BC547_04 Datasheet HTML 4Page - NXP Semiconductors BC547_04 Datasheet HTML 5Page - NXP Semiconductors BC547_04 Datasheet HTML 6Page - NXP Semiconductors BC547_04 Datasheet HTML 7Page - NXP Semiconductors BC547_04 Datasheet HTML 8Page - NXP Semiconductors BC547_04 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2004 Nov 25
6
Philips Semiconductors
Product specification
NPN general purpose transistors
BC546; BC547
Fig.4 DC current gain; typical values.
handbook, full pagewidth
0
600
200
400
MBH725
10−2
10−1
hFE
1
IC (mA)
10
103
102
VCE = 5 V
BC547C.


Similar Part No. - BC547_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC547/550 FAIRCHILD-BC547/550 Datasheet
50Kb / 4P
   Switching and Applications
BC547/550 FAIRCHILD-BC547/550 Datasheet
55Kb / 4P
   Switching and Applications
logo
Pan Jit International I...
BC547A PANJIT-BC547A Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Diotec Semiconductor
BC547A DIOTEC-BC547A Datasheet
148Kb / 2P
   General Purpose NPN Transistors
logo
SeCoS Halbleitertechnol...
BC547A SECOS-BC547A Datasheet
183Kb / 3P
   Elektronische Bauelemente
More results

Similar Description - BC547_04

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com