Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME7730 Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME7730
Description  100mA Regulated Charge Pump
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME7730 Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME7730 Datasheet HTML 3Page - Analog Microelectronics AME7730 Datasheet HTML 4Page - Analog Microelectronics AME7730 Datasheet HTML 5Page - Analog Microelectronics AME7730 Datasheet HTML 6Page - Analog Microelectronics AME7730 Datasheet HTML 7Page - Analog Microelectronics AME7730 Datasheet HTML 8Page - Analog Microelectronics AME7730 Datasheet HTML 9Page - Analog Microelectronics AME7730 Datasheet HTML 10Page - Analog Microelectronics AME7730 Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AME, Inc.
Rev.A.01
7
AME7730
100mA Regulated Charge Pump
Output Current (mA)
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
0
50
100
150
V
IN = 2.7V
V
IN = 3.3V
V
IN = 3.6V
V
IN = 3.0
V
Output Voltage vs. Output Current
Supply Current vs. Supply Voltage
45
50
55
60
65
70
75
80
85
90
95
2.5
3
3.5
4
4.5
5
Supply Voltage (V)
I
Load = 25mA
I
Load = 50mA
I
Load = 100mA
Efficiency vs. Supply Voltage
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
Load Current (mA)
V
IN = 3.6V
V
IN = 3.3V
V
IN = 2.7V
V
IN = 3.0V
Efficiency vs. Load Current
400
600
800
1000
1200
1400
1600
2.5
3
3.5
4
4.5
5
Supply Voltage (V)
2.7
T
A = 85
oC
T
A = 25
oC
T
A = -40
oC
Oscillator Frequency vs. Supply Voltage
3.2
3.6
4.0
4.4
4.8
5.2
3.2
3.4
3.6
3.8
4.0
4.2
Input Voltage (V)
I
OUT = 200mA
One Shot Pulse
t = 100msec
T
A = 20
oC
T
A = -20
oC
T
A = 55
oC
Output Voltage vs. Input Voltage
46
48
50
52
54
56
58
60
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
I
OUT = 0µA
C
FLY = 1µF
V
EN = VIN


Similar Part No. - AME7730

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
AME7739AEEY330Z AME-AME7739AEEY330Z Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
AME7739AEEY500Z AME-AME7739AEEY500Z Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
AME7739AEEY550Z AME-AME7739AEEY550Z Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
More results

Similar Description - AME7730

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
   Regulated Charge Pump 5V 100mA
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3 Datasheet
185Kb / 12P
   100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
LTC1983-5 LINER-LTC1983-5_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
LTC1983-3 LINER-LTC1983-3_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201 Datasheet
44Kb / 4P
   Floating, Regulated Charge Pump
May, 2004 ??Rev. P2
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com