Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWP-SJS-P2 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DWP-SJS-P2
Description  Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWP-SJS-P2 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DWP-SJS-P2 Datasheet HTML 1Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 2Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 3Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 4Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 5Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 6Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 7Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 8Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
29/09/2005 V8.0
4
AlInGaP : DWx
DOMINANT TM
Semiconductors
Innovating Illumination
Typ. (V)
Vf @ If = 50mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DWS-SJS, DWR-SJS, DWA-SJS,
DWR-TJS, DWY-TJS
2.1
2.6
12
12
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.1)
Reverse voltage
ESD Thereshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
70
100
12
2
125
-40 … +100
-40 … +100
225
mA
mA
V
kV
˚C
˚C
˚C
mW
2.6
3.2
Vf Bining (Optional)
Forward Voltage (V)
Vf @ If = 50mA
50
51
52
53
54
1.7 ... 2.0
2.0 ... 2.3
2.3 ... 2.6
2.6 ... 2.9
2.9 ... 3.2
Forward voltage, Vf is measured with an accuracy of ± 0.1V.
DWO-SJS, DWY-SJS, DWP-SJS
Please consult sales and marketing for special part number to incorporate Vf binning.


Similar Part No. - DWP-SJS-P2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWP-SJS-P2R1-1 DOMINANT-DWP-SJS-P2R1-1 Datasheet
1Mb / 13P
   Power DomiLED
More results

Similar Description - DWP-SJS-P2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
   LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
   LED Power
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
   Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
   power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com