Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWY-SJS-U2 Datasheet(PDF) 10 Page - DOMINANT Semiconductors

Part # DWY-SJS-U2
Description  Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWY-SJS-U2 Datasheet(HTML) 10 Page - DOMINANT Semiconductors

Back Button DWY-SJS-U2 Datasheet HTML 5Page - DOMINANT Semiconductors DWY-SJS-U2 Datasheet HTML 6Page - DOMINANT Semiconductors DWY-SJS-U2 Datasheet HTML 7Page - DOMINANT Semiconductors DWY-SJS-U2 Datasheet HTML 8Page - DOMINANT Semiconductors DWY-SJS-U2 Datasheet HTML 9Page - DOMINANT Semiconductors DWY-SJS-U2 Datasheet HTML 10Page - DOMINANT Semiconductors DWY-SJS-U2 Datasheet HTML 11Page - DOMINANT Semiconductors DWY-SJS-U2 Datasheet HTML 12Page - DOMINANT Semiconductors DWY-SJS-U2 Datasheet HTML 13Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
29/09/2005 V8.0
10
Packaging Specification
Moisture sensitivity level
Barcode label
Moisture absorbent material +
Moisture indicator
The reel, moisture absorbent material and moisture indicator are
sealed inside the moisture proof foil bag
Reel
Average 1pc Power DomiLED
1 completed bag (2000pcs)
0.034
190 ± 10
Weight (gram)
Cardboard
Box
Dimensions (mm)
Empty Box
Weight (kg)
300 x 250 x 250
416 x 516 x 476
15 reels MAX
55 reels MAX
Small
Large
For Power DomiLEDTM
Reel / Box
Quantity / Box (pcs)
Cardboard Box
Size
0.58
1.74
30,000 MAX
110,000 MAX
DOMINANT Semiconductors
LOT NO : lotno
PART NO : partno
QTY : qty
S/N : xxx
D/C: xxxx
GROUP : group
Weight (gram)
0.034
190 ± 10
ROHS Compliant
PB Free
AlInGaP : DWx
DOMINANT TM
Semiconductors
Innovating Illumination
DOMINANT TM
Semiconductors


Similar Part No. - DWY-SJS-U2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWY-SJS-U2V-1 DOMINANT-DWY-SJS-U2V-1 Datasheet
1Mb / 13P
   Power DomiLED
More results

Similar Description - DWY-SJS-U2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
   LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
   LED Power
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
   Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
   power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com