Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWC-SJS-T1 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DWC-SJS-T1
Description  Power LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWC-SJS-T1 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DWC-SJS-T1 Datasheet HTML 1Page - DOMINANT Semiconductors DWC-SJS-T1 Datasheet HTML 2Page - DOMINANT Semiconductors DWC-SJS-T1 Datasheet HTML 3Page - DOMINANT Semiconductors DWC-SJS-T1 Datasheet HTML 4Page - DOMINANT Semiconductors DWC-SJS-T1 Datasheet HTML 5Page - DOMINANT Semiconductors DWC-SJS-T1 Datasheet HTML 6Page - DOMINANT Semiconductors DWC-SJS-T1 Datasheet HTML 7Page - DOMINANT Semiconductors DWC-SJS-T1 Datasheet HTML 8Page - DOMINANT Semiconductors DWC-SJS-T1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Typ. (V)
Vf @ If = 30mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DWB
DWT, DWC
3.4
3.5
5
5
4.0
4.2
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping
Wavelength distribution (nm)
Color
DWT; True Green
DWC; Cyan
DWB; Blue
Full
W
X
Y
Z
Full
W
X
Y
Full
W
X
Y
520 - 536
520 - 524
524 - 528
528 - 532
532 - 536
499 - 511
499 - 503
503 - 507
507 - 511
464 - 480
464 - 468
468 - 472
472 - 476
Min. (V)
3.05
3.05
InGaN : DWx
DOMINANT TM
Semiconductors
Innovating Illumination
04/04/2006 V9.0
4


Similar Part No. - DWC-SJS-T1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DWC-50-100-Y FESTO-DWC-50-100-Y Datasheet
83Kb / 2P
   Hinge cylinder
DWC-50-100-Y-A FESTO-DWC-50-100-Y-A Datasheet
85Kb / 2P
   Hinge cylinder
DWC-50-100-Y-A-G FESTO-DWC-50-100-Y-A-G Datasheet
85Kb / 2P
   Hinge cylinder
DWC-50-100-Y-AB FESTO-DWC-50-100-Y-AB Datasheet
84Kb / 2P
   Hinge cylinder
DWC-50-100-Y-AB-G FESTO-DWC-50-100-Y-AB-G Datasheet
84Kb / 2P
   Hinge cylinder
More results

Similar Description - DWC-SJS-T1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
   LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
   Power LED
logo
Arch Electronics Corp.
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
   LED Power
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
   Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
   power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com