Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWW-SJD-T2 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DWW-SJD-T2
Description  Power LED InGaN White
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWW-SJD-T2 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DWW-SJD-T2 Datasheet HTML 1Page - DOMINANT Semiconductors DWW-SJD-T2 Datasheet HTML 2Page - DOMINANT Semiconductors DWW-SJD-T2 Datasheet HTML 3Page - DOMINANT Semiconductors DWW-SJD-T2 Datasheet HTML 4Page - DOMINANT Semiconductors DWW-SJD-T2 Datasheet HTML 5Page - DOMINANT Semiconductors DWW-SJD-T2 Datasheet HTML 6Page - DOMINANT Semiconductors DWW-SJD-T2 Datasheet HTML 7Page - DOMINANT Semiconductors DWW-SJD-T2 Datasheet HTML 8Page - DOMINANT Semiconductors DWW-SJD-T2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Typ. (V)
Vf @ If = 30mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DWW
3.40
5
4.00
Min. (V)
3.05
InGaN White : DWW-xJD
DOMINANT TM
Semiconductors
Innovating Illumination
20/02/2006 V1.0
3
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.1)
Reverse voltage; Ir (max) = 10µA
ESD Thereshold (HBM)
LED juction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
30
200
5
2
125
-40 … +100
-40 … +100
135
mA
mA
V
kV
˚C
˚C
˚C
mW
Vf Bining (Optional)
Forward Voltage (V)
Vf @ If = 30mA
3A
30
31
32
3.05 ... 3.35
3.35 ... 3.65
3.65 ... 3.95
3.95 ... 4.25
Forward voltage, Vf is measured with an accuracy of ± 0.1V.
Please consult sales and marketing to incorporate special part number to incorporate Vf binning.


Similar Part No. - DWW-SJD-T2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWW-DZJG-1 DOMINANT-DWW-DZJG-1 Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-KZKG DOMINANT-DWW-KZKG Datasheet
1Mb / 15P
   High brightness surface mount LED
DWW-KZKG DOMINANT-DWW-KZKG Datasheet
1Mb / 16P
   Power DomiLED
DWW-KZKG DOMINANT-DWW-KZKG Datasheet
1Mb / 15P
   Power DomiLED
More results

Similar Description - DWW-SJD-T2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWW-UJG DOMINANT-DWW-UJG Datasheet
847Kb / 13P
   Power LED InGaN White
DDW-CJD-RS2-1 DOMINANT-DDW-CJD-RS2-1 Datasheet
800Kb / 13P
   LED InGaN White
DDW-DJD-UV2-1 DOMINANT-DDW-DJD-UV2-1 Datasheet
770Kb / 12P
   LED InGaN White
DDW-DJD-V2W-1 DOMINANT-DDW-DJD-V2W-1 Datasheet
770Kb / 12P
   LED InGaN White High Brightness
logo
Marktech Corporate
LP378PWN1-C0G MARKTECH-LP378PWN1-C0G Datasheet
111Kb / 2P
   P4 White InGaN Ultra Bright LED
LP377PWN1-60G MARKTECH-LP377PWN1-60G Datasheet
106Kb / 2P
   P4 InGaN White Ultra Bright LED
LC503NWH1-15H MARKTECH-LC503NWH1-15H Datasheet
246Kb / 3P
   5mm White InGaN/SiC Ultra Bright LED
LC512NWH1-25H MARKTECH-LC512NWH1-25H Datasheet
249Kb / 3P
   5mm InGaN/SiC White Ultra Bright LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-FW00 AVAGO-HLMP-FW00 Datasheet
191Kb / 6P
   5mm Flat Top InGaN White LED Lamp
logo
DOMINANT Semiconductors
DDT-CJS-RS2-1 DOMINANT-DDT-CJS-RS2-1 Datasheet
806Kb / 15P
   LED InGaN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com