Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPR-SSS-X1 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # NPR-SSS-X1
Description  AlInGaP : SPNovaLED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NPR-SSS-X1 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  NPR-SSS-X1 Datasheet HTML 1Page - DOMINANT Semiconductors NPR-SSS-X1 Datasheet HTML 2Page - DOMINANT Semiconductors NPR-SSS-X1 Datasheet HTML 3Page - DOMINANT Semiconductors NPR-SSS-X1 Datasheet HTML 4Page - DOMINANT Semiconductors NPR-SSS-X1 Datasheet HTML 5Page - DOMINANT Semiconductors NPR-SSS-X1 Datasheet HTML 6Page - DOMINANT Semiconductors NPR-SSS-X1 Datasheet HTML 7Page - DOMINANT Semiconductors NPR-SSS-X1 Datasheet HTML 8Page - DOMINANT Semiconductors NPR-SSS-X1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
28/11/2006 V7.0
3
AlInGaP : SPNovaLED-175
DOMINANT TM
Semiconductors
Innovating Illumination
Electrical Characteristics at Ta=25˚C
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Reverse Voltage
ESD Threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
175
15
2000
125
-40 … +100
-40 … +100
525
mA
V
V
˚C
˚C
˚C
mW
Optical Characteristics at Ta=25˚C, if=175mA, Rja=100K/W
Total Flux @ If=175mA
Part Number
NPR-SSS-WX2
NPY-SSS-XY2
5000
5500
1800
2000
3500
3500
Min (mlm)
Typ. (mlm)
Typ. (mcd)
Intensity @ If=175mA
Forward Voltage (V)
Vf Binning (Optional)
Vf Bin @ 175 mA
Standard
01
02
03
1.9 ... 2.8
1.9 ... 2.2
2.2 ... 2.5
2.5 ... 2.8
Forward voltage, Vf is measured with an accuracy of
±0.1 V.
Please consult sales and marketing for special part number to incorporate Vf binning.


Similar Part No. - NPR-SSS-X1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPR-101 AMPHENOL-NPR-101 Datasheet
155Kb / 2P
   Harsh media compatibility
logo
DOMINANT Semiconductors
NPR-MSS DOMINANT-NPR-MSS Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
NPR-MSS-AA DOMINANT-NPR-MSS-AA Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
NPR-MSS-AAB-1 DOMINANT-NPR-MSS-AAB-1 Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
NPR-MSS-AB DOMINANT-NPR-MSS-AB Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
More results

Similar Description - NPR-SSS-X1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NPR-MSS-AAB-1 DOMINANT-NPR-MSS-AAB-1 Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
NMRTB-USS-1 DOMINANT-NMRTB-USS-1 Datasheet
549Kb / 13P
   SPNovaLED
NMRTB-CSS DOMINANT-NMRTB-CSS Datasheet
535Kb / 13P
   SPNovaLED: 20mA
N2B-CSS-TU1-1 DOMINANT-N2B-CSS-TU1-1 Datasheet
561Kb / 12P
   SPNovaLED InGaN : 50mA
NP8-DSS-1 DOMINANT-NP8-DSS-1 Datasheet
531Kb / 11P
   SPNovaLED Infrared 850nm
NPW-USD-AAC-1 DOMINANT-NPW-USD-AAC-1 Datasheet
589Kb / 14P
   SPNovaLED InGaN White: 350 mA
NPC-USS-ABD-1 DOMINANT-NPC-USS-ABD-1 Datasheet
625Kb / 13P
   SPNovaLED InGaN Cyan : 1 Watt
NPB-USS DOMINANT-NPB-USS Datasheet
586Kb / 13P
   SPNovaLED InGaN Blue : 1 Watt
logo
Agilent(Hewlett-Packard...
HSMA-C265 HP-HSMA-C265 Datasheet
367Kb / 5P
   AlInGaP chipLED
logo
DOMINANT Semiconductors
DDH-CJS-PQ2-1 DOMINANT-DDH-CJS-PQ2-1 Datasheet
804Kb / 16P
   LED AlInGaP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com