Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG-CLD-M2N-1 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # SSG-CLD-M2N-1
Description  Surface Mount AlInGaP Spice LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSG-CLD-M2N-1 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  SSG-CLD-M2N-1 Datasheet HTML 1Page - DOMINANT Semiconductors SSG-CLD-M2N-1 Datasheet HTML 2Page - DOMINANT Semiconductors SSG-CLD-M2N-1 Datasheet HTML 3Page - DOMINANT Semiconductors SSG-CLD-M2N-1 Datasheet HTML 4Page - DOMINANT Semiconductors SSG-CLD-M2N-1 Datasheet HTML 5Page - DOMINANT Semiconductors SSG-CLD-M2N-1 Datasheet HTML 6Page - DOMINANT Semiconductors SSG-CLD-M2N-1 Datasheet HTML 7Page - DOMINANT Semiconductors SSG-CLD-M2N-1 Datasheet HTML 8Page - DOMINANT Semiconductors SSG-CLD-M2N-1 Datasheet HTML 9Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DOMINANT Semiconductors
19/05/05
S SpiceLED AlInGaP SSx-CLD-v3
Page 2 of 2
Part Ordering Number
Chip Technology /
Color
Viewing
Angle
Luminous Intensity
@ If = 20mA, Iv ( mcd )
SSS-CLD-N2P-1
SSS-CLD-N2
SSS-CLD-P1
SSS-CLD-P2
AlInGaP /
Super Red
160
35.5 … 71.5
35.5 … 45.0
45.0 … 56.0
56.0 … 71.5
SSR-CLD-PQ1-1
SSR-CLD-P1
SSR-CLD-P2
SSR-CLD-Q1
AlInGaP /
Red
160
45.0 … 90.0
45.0 … 56.0
56.0 … 71.5
71.5 … 90.0
SSO-CLD-P2Q-1
SSO-CLD-P2
SSO-CLD-Q1
SSO-CLD-Q2
SSO-CLD-QR1-1
SSO-CLD-Q1
SSO-CLD-Q2
SSO-CLD-R1
AlInGaP /
Orange
160
56.0 … 112.5
56.0 … 71.5
71.5 … 90.0
90.0 … 112.5
71.5 … 140.0
71.5 … 90.0
91.0 … 112.5
112.5 … 140.0
SSY-CLD-P2Q-1
SSY-CLD-P2
SSY-CLD-Q1
SSY-CLD-Q2
AlInGaP /
Yellow
160
56.0 … 112.5
56.0 … 71.5
71.5 … 90.0
90.0 … 112.5
SSG-CLD-M2N-1
SSG-CLD-M2
SSG-CLD-N1
SSG-CLD-N2
AlInGaP /
Green
160
22.4 … 45.0
22.4 … 28.5
28.5 … 35.5
35.5 … 45.0
SSP-CLD-KL1-1
SSP-CLD-K1
SSP-CLD-K2
SSP-CLD-L1
AlInGaP /
Pure Green
160
7.2 … 14.0
7.2 … 9.0
9.0 … 11.2
11.2 … 14.0
NOTE:
1. All part number above comes in a standard quantity of 3000 units per reel.
2. Luminous intensity is measured with an accuracy of
±11%.
3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one
wavelength group is allowed for each reel.


Similar Part No. - SSG-CLD-M2N-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SSG-CLD-M2N-1 DOMINANT-SSG-CLD-M2N-1 Datasheet
1Mb / 16P
   SpiceLED
More results

Similar Description - SSG-CLD-M2N-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SSS-CLD-HJ2-I2 DOMINANT-SSS-CLD-HJ2-I2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
logo
Agilent(Hewlett-Packard...
HSMA-TX25 HP-HSMA-TX25 Datasheet
155Kb / 5P
   Surface Mount High Performance AlInGaP LED Indicators
logo
BRIGHT LED ELECTRONICS ...
BL-PDR-CJS-C10 BRIGHT-BL-PDR-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDR-SRS-C10 BRIGHT-BL-PDR-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDR-TRS-C10 BRIGHT-BL-PDR-TRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDY-TJS-C10 BRIGHT-BL-PDY-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED
BL-PDG-CJS-C10 BRIGHT-BL-PDG-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDG-SJS-C10 BRIGHT-BL-PDG-SJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDO-CJS-C10 BRIGHT-BL-PDO-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDY-SRS-C10 BRIGHT-BL-PDY-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com