Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPR-MSS-AA Datasheet(PDF) 6 Page - DOMINANT Semiconductors

Part # NPR-MSS-AA
Description  AlInGaP : SPNovaLED-1 Watt (400mA)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NPR-MSS-AA Datasheet(HTML) 6 Page - DOMINANT Semiconductors

Back Button NPR-MSS-AA Datasheet HTML 2Page - DOMINANT Semiconductors NPR-MSS-AA Datasheet HTML 3Page - DOMINANT Semiconductors NPR-MSS-AA Datasheet HTML 4Page - DOMINANT Semiconductors NPR-MSS-AA Datasheet HTML 5Page - DOMINANT Semiconductors NPR-MSS-AA Datasheet HTML 6Page - DOMINANT Semiconductors NPR-MSS-AA Datasheet HTML 7Page - DOMINANT Semiconductors NPR-MSS-AA Datasheet HTML 8Page - DOMINANT Semiconductors NPR-MSS-AA Datasheet HTML 9Page - DOMINANT Semiconductors NPR-MSS-AA Datasheet HTML 10Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
20/06/2006 V2.0
6
AlInGaP : SPNovaLED-1 Watt (400mA)
DOMINANT TM
Semiconductors
Innovating Illumination
Solder Pad Design
Note: Unit to unit pitching must not be less than 25 mm. Metal core circuit board (MCPCB) is highly recommended for high density applications.
Please consult sales and marketing for additional information.


Similar Part No. - NPR-MSS-AA

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPR-101 AMPHENOL-NPR-101 Datasheet
155Kb / 2P
   Harsh media compatibility
logo
DOMINANT Semiconductors
NPR-SSS-W1 DOMINANT-NPR-SSS-W1 Datasheet
533Kb / 12P
   AlInGaP : SPNovaLED
NPR-SSS-W2 DOMINANT-NPR-SSS-W2 Datasheet
533Kb / 12P
   AlInGaP : SPNovaLED
NPR-SSS-WX2-1 DOMINANT-NPR-SSS-WX2-1 Datasheet
533Kb / 12P
   AlInGaP : SPNovaLED
NPR-SSS-X1 DOMINANT-NPR-SSS-X1 Datasheet
533Kb / 12P
   AlInGaP : SPNovaLED
More results

Similar Description - NPR-MSS-AA

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NPR-SSS-WX2-1 DOMINANT-NPR-SSS-WX2-1 Datasheet
533Kb / 12P
   AlInGaP : SPNovaLED
NPC-USS-ABD-1 DOMINANT-NPC-USS-ABD-1 Datasheet
625Kb / 13P
   SPNovaLED InGaN Cyan : 1 Watt
NPB-USS DOMINANT-NPB-USS Datasheet
586Kb / 13P
   SPNovaLED InGaN Blue : 1 Watt
NPT-USS-ADE-1 DOMINANT-NPT-USS-ADE-1 Datasheet
584Kb / 13P
   SPNovaLED InGaN True Green :1 Watt
NMRTB-USS-1 DOMINANT-NMRTB-USS-1 Datasheet
549Kb / 13P
   SPNovaLED
NMRTB-CSS DOMINANT-NMRTB-CSS Datasheet
535Kb / 13P
   SPNovaLED: 20mA
N2B-CSS-TU1-1 DOMINANT-N2B-CSS-TU1-1 Datasheet
561Kb / 12P
   SPNovaLED InGaN : 50mA
NP8-DSS-1 DOMINANT-NP8-DSS-1 Datasheet
531Kb / 11P
   SPNovaLED Infrared 850nm
logo
AVAGO TECHNOLOGIES LIMI...
HLMPY601 AVAGO-HLMPY601 Datasheet
70Kb / 3P
   T-1 (3mm) AlInGaP LED Lamps
logo
DOMINANT Semiconductors
NPW-USD-AAC-1 DOMINANT-NPW-USD-AAC-1 Datasheet
589Kb / 14P
   SPNovaLED InGaN White: 350 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com