Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP8-DSS Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # NP8-DSS
Description  SPNovaLED Infrared 850nm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NP8-DSS Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  NP8-DSS Datasheet HTML 1Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 2Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 3Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 4Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 5Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 6Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 7Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 8Page - DOMINANT Semiconductors NP8-DSS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
07/05/2007 V1.0
5
SPNovaLED : Infrared 850nm
DOMINANT TM
Semiconductors
Innovating Illumination
Solder Pad Design
Note: Unit to unit pitching must not be less than 25 mm. Metal core circuit board (MCPCB) is highly recommended for high density applications.
Please consult sales and marketing for additional information.


Similar Part No. - NP8-DSS

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03CDE NEC-NP80N03CDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP80N03CDE RENESAS-NP80N03CDE Datasheet
297Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
logo
NEC
NP80N03CDE-S12-AZ NEC-NP80N03CDE-S12-AZ Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP80N03CDE-S12-AZ RENESAS-NP80N03CDE-S12-AZ Datasheet
297Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
logo
NEC
NP80N03CLE NEC-NP80N03CLE Datasheet
96Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP8-DSS

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NMRTB-USS-1 DOMINANT-NMRTB-USS-1 Datasheet
549Kb / 13P
   SPNovaLED
NPR-SSS-WX2-1 DOMINANT-NPR-SSS-WX2-1 Datasheet
533Kb / 12P
   AlInGaP : SPNovaLED
NMRTB-CSS DOMINANT-NMRTB-CSS Datasheet
535Kb / 13P
   SPNovaLED: 20mA
logo
CT Micro International ...
HIRP2013X10-B40 CTMICRO-HIRP2013X10-B40 Datasheet
788Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP1608Q09-H5 CTMICRO-HIRP1608Q09-H5 Datasheet
869Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP1608Q06-B30 CTMICRO-HIRP1608Q06-B30 Datasheet
815Kb / 8P
   SMD Type 850nm Infrared Emitter
HIRC3528Q19-B20 CTMICRO-HIRC3528Q19-B20 Datasheet
729Kb / 8P
   SMD Type 850nm Infrared Emitter
HIRP3015Q12-K6 CTMICRO-HIRP3015Q12-K6 Datasheet
844Kb / 10P
   SMD Type 850nm Infrared Emitter
HIRP2406W14-B10 CTMICRO-HIRP2406W14-B10 Datasheet
964Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP3010Q20-B30 CTMICRO-HIRP3010Q20-B30 Datasheet
965Kb / 8P
   SMD Type 850nm Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com