Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPT-USS-ADE-1 Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # NPT-USS-ADE-1
Description  SPNovaLED InGaN True Green :1 Watt
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NPT-USS-ADE-1 Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  NPT-USS-ADE-1 Datasheet HTML 1Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 2Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 3Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 4Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 5Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 6Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 7Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 8Page - DOMINANT Semiconductors NPT-USS-ADE-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SPNovaLED InGaN True Green : 1 Watt
DOMINANT TM
Semiconductors
Innovating Illumination
24/06/2006 V2.0
5
0 o
10 o
70 o
60 o
50 o
40 o
30 o
20 o
90 o
80 o
0.6
0.8
1.0
0.2
0.4
0
Radiation Pattern
Relative Intensity Vs Forward Current
Forward Current, mA
0
200
400
600
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Relative Flux Vs Forward Current
Forward Current, mA
0
200
400
600
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Current Vs Forward Voltage
Forward Voltage, V
2
2.5
3
3.5
4
4.5
0
100
200
300
400
500
600
Relative Spectral Emission
Wavelength, nm
400
500
600
700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Forward Current Vs Ambient Temperature (Rja=40K/W)
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
50
100
150
200
250
300
350
400
Maximum Permissible Pulse Current
Duty (%); Tp<=0.01 sec
1
10
100
200
300
400
500
600
700
800
900
1000
Maximum Permissible Pulse Current, Ta=25 ˚C


Similar Part No. - NPT-USS-ADE-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
   Gallium Nitride 28V, 45W RF Power Transistor
logo
List of Unclassifed Man...
NPT1004 ETC2-NPT1004 Datasheet
541Kb / 6P
   Low cost, surface mount SOIC package
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004_15 Datasheet
541Kb / 6P
   45W RF Power Transistor
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
   Gallium Nitride 28V, 200W RF Power Transistor
logo
List of Unclassifed Man...
NPT1007 ETC2-NPT1007 Datasheet
1,018Kb / 7P
   Gallium Nitride 28V, 200W RF Power Transistor
More results

Similar Description - NPT-USS-ADE-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NPC-USS-ABD-1 DOMINANT-NPC-USS-ABD-1 Datasheet
625Kb / 13P
   SPNovaLED InGaN Cyan : 1 Watt
NPB-USS DOMINANT-NPB-USS Datasheet
586Kb / 13P
   SPNovaLED InGaN Blue : 1 Watt
N2B-CSS-TU1-1 DOMINANT-N2B-CSS-TU1-1 Datasheet
561Kb / 12P
   SPNovaLED InGaN : 50mA
NPR-MSS-AAB-1 DOMINANT-NPR-MSS-AAB-1 Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
NPW-USD-AAC-1 DOMINANT-NPW-USD-AAC-1 Datasheet
589Kb / 14P
   SPNovaLED InGaN White: 350 mA
NPW-TSD-ADE-1 DOMINANT-NPW-TSD-ADE-1 Datasheet
499Kb / 14P
   SPNovaLED InGaN White High Lumens : 350 mA
NPF-TSD-ABD-1 DOMINANT-NPF-TSD-ABD-1 Datasheet
499Kb / 14P
   SPNovaLED InGaN Warm White High Lumens : 350 mA
NMRTB-USS-1 DOMINANT-NMRTB-USS-1 Datasheet
549Kb / 13P
   SPNovaLED
NPR-SSS-WX2-1 DOMINANT-NPR-SSS-WX2-1 Datasheet
533Kb / 12P
   AlInGaP : SPNovaLED
NMRTB-CSS DOMINANT-NMRTB-CSS Datasheet
535Kb / 13P
   SPNovaLED: 20mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com