Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA6825T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TEA6825T
Description  In Car Entertainment ICE car radio
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6825T Datasheet(HTML) 5 Page - NXP Semiconductors

  TEA6825T Datasheet HTML 1Page - NXP Semiconductors TEA6825T Datasheet HTML 2Page - NXP Semiconductors TEA6825T Datasheet HTML 3Page - NXP Semiconductors TEA6825T Datasheet HTML 4Page - NXP Semiconductors TEA6825T Datasheet HTML 5Page - NXP Semiconductors TEA6825T Datasheet HTML 6Page - NXP Semiconductors TEA6825T Datasheet HTML 7Page - NXP Semiconductors TEA6825T Datasheet HTML 8Page - NXP Semiconductors TEA6825T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
1998 Mar 24
5
Philips Semiconductors
Preliminary specification
In Car Entertainment (ICE) car radio
TEA6823T; TEA6825T
PINNING
SYMBOL
PIN
DESCRIPTION
QDET1
1
demodulator tank 1
QDET2
2
demodulator tank 2
TSWITCH
3
time switch input
AGND
4
analog ground
VDDA1
5
analog supply voltage 1 (+5 V)
HFBUS1
6
HF bus 1 output;
pull-up to +5 V
HFBUS2
7
HF bus 2 output;
pull-up to +5 V
XTAL1
8
crystal oscillator 1
XTAL2
9
crystal oscillator 2
fref(p)
10
PLL reference frequency
output (p)
fref(n)
11
PLL reference frequency
output (n)
Iref
12
reference current
FMIF1IN1
13
72 MHz FM-IF input 1
FMIF1IN2
14
72 MHz FM-IF input 2
TSDR
15
time constant for SDR
TSDS
16
time constant for SDS
VSDS
17
SDS control voltage input
VSDR
18
SDR control voltage input
FMIF2OUT1
19
FM mixer output 1
FMIF2OUT2
20
FM mixer output 2
Vref
21
reference voltage output
AMIF2OUT1
22
AM mixer output 1
AMIF2OUT2
23
AM mixer output 2
FMAMDEC
24
FM/AM 10.7 MHz decoupling
PHASEDET
25
phase detector output
PILDET
26
pilot detector output
FMAM10.7
27
FM/AM 10.7 MHz input
VDDA2
28
analog supply voltage 2
FMIFAMPOUT
29
FM-IF amplifier output
AFGND
30
AF ground
DEEMPHR
31
de-emphasis capacitor right
DEEMPHL
32
de-emphasis capacitor left
AMIF2IN1
33
AM-IF2 input 1
AMIF2IN2
34
AM-IF2 input 2
FMIN2
35
FM limiter input
DCFEED
36
DC feed FM limiter
FMIN1
37
FM limiter input
LEVELADJ
38
level adjustment input
CAFC
39
AFC capacitor
MPBUF
40
multi-path buffer time constant
OUTLEFT
41
AF output left
FMSTOP
42
FMSTOP adjustment input
RDS/AMSTOP
43
MPX for RDS/AMSTOP
adjustment input
OUTRIGHT
44
AF output right
MPXIN
45
stereo decoder MPX input
THRES
46
threshold
MPXOUT
47
FM demodulator MPX output
AMAFOUT
48
AM demodulator AF output
Vmute/AML
49
mute voltage/AM level
LEVELUNWEIG
50
unweighted level output
IACCONTR
51
IAC control voltage
VDDD
52
digital supply voltage
SDA
53
serial data input/output;
pull-up to +5 V
SCL
54
serial clock input;
pull-up to +5 V
DGND
55
digital ground
VDDA3
56
analog supply voltage 3
(+8.5 V)
SYMBOL
PIN
DESCRIPTION


Similar Part No. - TEA6825T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6822T PHILIPS-TEA6822T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6824 PHILIPS-TEA6824 Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
More results

Similar Description - TEA6825T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com