Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSB-SLD-H2 Datasheet(PDF) 7 Page - DOMINANT Semiconductors

Part # SSB-SLD-H2
Description  SpiceLED InGaN S-Spice
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSB-SLD-H2 Datasheet(HTML) 7 Page - DOMINANT Semiconductors

Back Button SSB-SLD-H2 Datasheet HTML 3Page - DOMINANT Semiconductors SSB-SLD-H2 Datasheet HTML 4Page - DOMINANT Semiconductors SSB-SLD-H2 Datasheet HTML 5Page - DOMINANT Semiconductors SSB-SLD-H2 Datasheet HTML 6Page - DOMINANT Semiconductors SSB-SLD-H2 Datasheet HTML 7Page - DOMINANT Semiconductors SSB-SLD-H2 Datasheet HTML 8Page - DOMINANT Semiconductors SSB-SLD-H2 Datasheet HTML 9Page - DOMINANT Semiconductors SSB-SLD-H2 Datasheet HTML 10Page - DOMINANT Semiconductors SSB-SLD-H2 Datasheet HTML 11Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
23/02/2006 V1.0
7
InGaN S-Spice : SSx-SLD
DOMINANT TM
Semiconductors
Innovating Illumination
Recommended Solder Pad
Note: Component is based on a new package platform, which features “Bottom Only Terminations“. Solder joints are only formed
at the bottom of the component and solder fillet will not be observable as the sides of the component.
Surface are not intended for soldering


Similar Part No. - SSB-SLD-H2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSB-0218 ETC2-SSB-0218 Datasheet
123Kb / 2P
   SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
SSB-0218L ETC2-SSB-0218L Datasheet
123Kb / 2P
   SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
logo
Marki Microwave
SSB-0618 MARKIMICROWAVE-SSB-0618 Datasheet
139Kb / 2P
   SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
logo
Sanken electric
SSB-14 SANKEN-SSB-14 Datasheet
34Kb / 2P
   Schottky Barrier Diodes (Surface Mount) 40V
logo
LUMEX INC.
SSB-CEL187USBW LUMEX-SSB-CEL187USBW Datasheet
175Kb / 1P
   18.04mm X 8.0mm V.A Custom LED BACKLIGHT 2 CHIPS
More results

Similar Description - SSB-SLD-H2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SST-ULD-ST1-1 DOMINANT-SST-ULD-ST1-1 Datasheet
784Kb / 11P
   SpiceLED InGaN S-Spice
SSW-SLD DOMINANT-SSW-SLD Datasheet
778Kb / 12P
   SpiceLED InGaN White S-Spice
SSW-ULD DOMINANT-SSW-ULD Datasheet
780Kb / 12P
   SpiceLED InGaN White S-Spice
SMT-ULD-ST1-1 DOMINANT-SMT-ULD-ST1-1 Datasheet
619Kb / 11P
   SpiceLED InGaN M-Spice
SMT-SLD-L2N1-1 DOMINANT-SMT-SLD-L2N1-1 Datasheet
625Kb / 12P
   SpiceLED InGaN M-Spice
SMW-SLD DOMINANT-SMW-SLD Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
SMW-ULD DOMINANT-SMW-ULD Datasheet
610Kb / 12P
   SpiceLED InGaN White M-Spice
SSS-CLD-HJ2-I2 DOMINANT-SSS-CLD-HJ2-I2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSX-CLD-I2 DOMINANT-SSX-CLD-I2_16 Datasheet
967Kb / 14P
   SpiceLED
SSW-LLG-F1P5-I5 DOMINANT-SSW-LLG-F1P5-I5 Datasheet
1Mb / 17P
   SpiceLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com