Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

880367 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 880367
Description  1030 MHz BAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

880367 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  880367 Datasheet HTML 1Page - TriQuint Semiconductor 880367 Datasheet HTML 2Page - TriQuint Semiconductor 880367 Datasheet HTML 3Page - TriQuint Semiconductor 880367 Datasheet HTML 4Page - TriQuint Semiconductor 880367 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 880367
1030 MHz BAW Filter
Subject to change or obsolescence without notice
Rev -
June-2007
Page 2 of 5
Electrical Specifications
(1)
Operating Temperature Range:
(2)
-40 to +85
oC
Parameter
(3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
1030
-
MHz
Insertion Loss (1027 – 1033 MHz)
-
2.5
4.0
dB
3 dB Bandwidth
(4)
14
20
-
MHz
40 dB Lower Frequency Edge
1007.5
-
-
MHz
40 dB Upper Frequency Edge
-
-
1052.5
MHz
VSWR @ Fo
-
1.7
2:1
Source Impedance
-
50
-
Load Impedance
-
50
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Referenced to the insertion loss at center frequency
Test Circuit:
50
Single-ended
Input
I/O
50
50
I/O
GND
50
Single-ended
Output


Similar Part No. - 880367

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
880367 QORVO-880367 Datasheet
152Kb / 6P
   1030 MHz IFF BAW Filter
880367EVALBOARD QORVO-880367EVALBOARD Datasheet
152Kb / 6P
   1030 MHz IFF BAW Filter
logo
TriQuint Semiconductor
880367 TRIQUINT-880367_15 Datasheet
152Kb / 6P
   1030 MHz IFF BAW Filter
More results

Similar Description - 880367

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
880367 QORVO-880367 Datasheet
152Kb / 6P
   1030 MHz IFF BAW Filter
logo
TriQuint Semiconductor
880367 TRIQUINT-880367_15 Datasheet
152Kb / 6P
   1030 MHz IFF BAW Filter
857216 TRIQUINT-857216_15 Datasheet
548Kb / 6P
   1030 MHz SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0973A TAI-SAW-TA0973A Datasheet
213Kb / 7P
   SAW Filter 1030 MHz
logo
TriQuint Semiconductor
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
   1960 MHz BAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
   915 MHz BAW Filter
logo
Qorvo, Inc
880543 QORVO-880543 Datasheet
301Kb / 5P
   428 MHz BAW Filter
885135 QORVO-885135 Datasheet
575Kb / 8P
   2439.5 MHz BAW Filter
880157 QORVO-880157 Datasheet
237Kb / 6P
   2560 MHz BAW Filter
logo
TriQuint Semiconductor
885007 TRIQUINT-885007_15 Datasheet
471Kb / 6P
   2436 MHz BAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com