Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSS-CLD-P1 Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # SSS-CLD-P1
Description  Surface Mount AlInGaP Spice LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSS-CLD-P1 Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  SSS-CLD-P1 Datasheet HTML 1Page - DOMINANT Semiconductors SSS-CLD-P1 Datasheet HTML 2Page - DOMINANT Semiconductors SSS-CLD-P1 Datasheet HTML 3Page - DOMINANT Semiconductors SSS-CLD-P1 Datasheet HTML 4Page - DOMINANT Semiconductors SSS-CLD-P1 Datasheet HTML 5Page - DOMINANT Semiconductors SSS-CLD-P1 Datasheet HTML 6Page - DOMINANT Semiconductors SSS-CLD-P1 Datasheet HTML 7Page - DOMINANT Semiconductors SSS-CLD-P1 Datasheet HTML 8Page - DOMINANT Semiconductors SSS-CLD-P1 Datasheet HTML 9Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DOMINANT Semiconductors
19/05/05
S SpiceLED AlInGaP SSx-CLD-v3
Page 1 of 1
Surface Mount AlInGaP Spice LED : SSx-CLD
Note: The center pad is a common cathode. Please
take care during soldering to avoid shorting.
• High brightness diffused surface mount LED.
• Super wide viewing angle of 160°.
• Equivalent to 0603 package outline. Copper lead-frame construction.
• Qualified according to JEDEC moisture sensitivity Level 2.
• Compatible to IR reflow soldering.


Similar Part No. - SSS-CLD-P1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SSS-CLD-P2Q-1 DOMINANT-SSS-CLD-P2Q-1 Datasheet
1Mb / 16P
   SpiceLED
More results

Similar Description - SSS-CLD-P1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SSS-CLD-HJ2-I2 DOMINANT-SSS-CLD-HJ2-I2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
logo
Agilent(Hewlett-Packard...
HSMA-TX25 HP-HSMA-TX25 Datasheet
155Kb / 5P
   Surface Mount High Performance AlInGaP LED Indicators
logo
BRIGHT LED ELECTRONICS ...
BL-PDR-CJS-C10 BRIGHT-BL-PDR-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDR-SRS-C10 BRIGHT-BL-PDR-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDR-TRS-C10 BRIGHT-BL-PDR-TRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDY-TJS-C10 BRIGHT-BL-PDY-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED
BL-PDG-CJS-C10 BRIGHT-BL-PDG-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDG-SJS-C10 BRIGHT-BL-PDG-SJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDO-CJS-C10 BRIGHT-BL-PDO-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDY-SRS-C10 BRIGHT-BL-PDY-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com