Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F86J11 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F86J11
Description  64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
Download  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F86J11 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F86J11 Datasheet HTML 5Page - Microchip Technology PIC18F86J11 Datasheet HTML 6Page - Microchip Technology PIC18F86J11 Datasheet HTML 7Page - Microchip Technology PIC18F86J11 Datasheet HTML 8Page - Microchip Technology PIC18F86J11 Datasheet HTML 9Page - Microchip Technology PIC18F86J11 Datasheet HTML 10Page - Microchip Technology PIC18F86J11 Datasheet HTML 11Page - Microchip Technology PIC18F86J11 Datasheet HTML 12Page - Microchip Technology PIC18F86J11 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 448 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39778B-page 7
PIC18F87J11 FAMILY
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the following devices:
This family introduces a line of low-voltage, general
purpose microcontrollers with the main traditional
advantage of all PIC18 microcontrollers – namely, high
computational performance and a rich feature set – at
an extremely competitive price point. These features
make the PIC18F87J11 Family a logical choice for
many
high-performance
applications,
where
an
extended peripheral feature set is required, and cost is
a primary consideration.
1.1
Core Features
1.1.1
nanoWatt TECHNOLOGY
All of the devices in the PIC18F87J11 family incorporate
a range of features that can significantly reduce power
consumption during operation. Key items include:
• Alternate Run Modes: By clocking the controller
from the Timer1 source or the internal RC oscilla-
tor, power consumption during code execution
can be reduced by as much as 90%.
• Multiple Idle Modes: The controller can also run
with its CPU core disabled but the peripherals still
active. In these states, power consumption can be
reduced even further, to as little as 4% of normal
operation requirements.
• On-the-Fly Mode Switching: The
power-managed modes are invoked by user code
during operation, allowing the user to incorporate
power-saving ideas into their application’s
software design.
1.1.2
OSCILLATOR OPTIONS AND
FEATURES
All of the devices in the PIC18F87J11 Family offer four
different oscillator options, allowing users a range of
choices in developing application hardware. These
include:
• Two Crystal modes, using crystals or ceramic
resonators.
• Two External Clock modes, offering the option of
a divide-by-4 clock output.
• An internal oscillator block which provides an
8 MHz clock and an INTRC source (approxi-
mately 31 kHz, stable over temperature and VDD),
as well as a range of 6 user-selectable clock
frequencies, between 125 kHz to 4 MHz, for a
total of 8 clock frequencies. This option frees an
oscillator pin for use as an additional general
purpose I/O.
• A Phase Lock Loop (PLL) frequency multiplier,
available to all of the oscillator modes, which
allows a wide range of clock speeds from 16 MHz
to 48 MHz
The internal oscillator block provides a stable reference
source that gives the family additional features for
robust operation:
• Fail-Safe Clock Monitor: This option constantly
monitors the main clock source against a reference
signal provided by the internal oscillator. If a clock
failure occurs, the controller is switched to the
internal oscillator, allowing for continued low-speed
operation or a safe application shutdown.
• Two-Speed Start-up: This option allows the
internal oscillator to serve as the clock source
from Power-on Reset, or wake-up from Sleep
mode, until the primary clock source is available.
1.1.3
EXPANDED MEMORY
The PIC18F87J11 family provides ample room for
application code, from 64 Kbytes to 128 Kbytes of code
space. The Flash cells for program memory are rated
to last up to 10,000 erase/write cycles. Data retention
without refresh is conservatively estimated to be
greater than 20 years.
The Flash program memory is readable, writable, and
during normal operation, the PIC18F87J11 Family also
provides plenty of room for dynamic application data
with up to 3930 bytes of data RAM.
1.1.4
EXTERNAL MEMORY BUS
In the event that 128 Kbytes of memory are inadequate
for an application, the 80-pin members of the
PIC18F87J11 Family also implement an External Mem-
ory Bus (EMB). This allows the controller’s internal
program counter to address a memory space of up to
2 Mbytes, permitting a level of data access that few
8-bit devices can claim. This allows additional memory
options, including:
• Using combinations of on-chip and external
memory up to the 2-Mbyte limit
• Using external Flash memory for reprogrammable
application code or large data tables
• Using external RAM devices for storing large
amounts of variable data
1.1.5
EXTENDED INSTRUCTION SET
The PIC18F87J11 Family implements the optional
extension to the PIC18 instruction set, adding 8 new
instructions
and
an
Indexed
Addressing
mode.
Enabled as a device configuration option, the extension
has been specifically designed to optimize re-entrant
application code originally developed in high-level
languages, such as ‘C’.
• PIC18F66J11
• PIC18F86J11
• PIC18F66J16
• PIC18F86J16
• PIC18F67J11
• PIC18F87J11


Similar Part No. - PIC18F86J11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F86J11 MICROCHIP-PIC18F86J11 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86J11 MICROCHIP-PIC18F86J11 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F86J11T-1 MICROCHIP-PIC18F86J11T-1 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
More results

Similar Description - PIC18F86J11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F87J50 MICROCHIP-PIC18F87J50 Datasheet
8Mb / 480P
   64/80-Pin High-Performance, 1-Mbit Flash USB Microcontrollers with nanoWatt Technology
2007
PIC18F6310 MICROCHIP-PIC18F6310 Datasheet
3Mb / 404P
   64/80-Pin Flash Microcontrollers with nanoWatt Technology
2004
PIC18F85J11 MICROCHIP-PIC18F85J11 Datasheet
6Mb / 396P
   64/80-Pin High-Performance Microcontrollers with nanoWatt Technology
2007
PIC18F6625 MICROCHIP-PIC18F6625 Datasheet
143Kb / 6P
   64/80-Pin High-Performance, 1-Mbit Enhanced Flash Microcontrollers with A/D and nanoWatt Technology
2004
PIC18F87J11 MICROCHIP-PIC18F87J11_12 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F67J11T-I MICROCHIP-PIC18F67J11T-I Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com