Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17-21BHC-A12P13T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 17-21BHC-A12P13T
Description  0805 Package Chip LED (1.1mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

17-21BHC-A12P13T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  17-21BHC-A12P13T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 17-21BHC-A12P13T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 17-21BHC-A12P13T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 17-21BHC-A12P13T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 17-21BHC-A12P13T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 17-21BHC-A12P13T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 17-21BHC-A12P13T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 17-21BHC-A12P13T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 17-21BHC-A12P13T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 1 of 10
Device No.;SZ DSE-171-B11
Prepared date:18-Aug-2005
Prepared by:Meng Yali
Technical Data Sheet
0805 Package Chip LED (1.1mm Height)
17-21/BHC-AN1P2/3T
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Mono-color type.
․Pb-free.
․The product itself will remain within ROHS complaint Version.
Descriptions
․The 17-21 SMD Taping is much smaller
than lead frame type components, thus
enable smaller board size, higher packing
density, reduced storage space and finally
smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Automotive: backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Part No.
Material
Emitted Color
Lens Color
17-21/BHC-AN1P2/3T
InGaN
Blue
Water Clear


Similar Part No. - 17-21BHC-A12P13T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-21-BHC-AN1P2-3T EVERLIGHT-17-21-BHC-AN1P2-3T Datasheet
246Kb / 10P
   0805 Package Chip LED (1.0mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-21-BHC-AN1P2-3T TO-GRACE-17-21-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0805 Package Chip LED (1.0mm Height)
logo
Everlight Electronics C...
17-21-BHC-AP1Q2-3T EVERLIGHT-17-21-BHC-AP1Q2-3T Datasheet
219Kb / 10P
   0805 Package Chip LED (1.0mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-21-BHC-AP1Q2-3T TO-GRACE-17-21-BHC-AP1Q2-3T Datasheet
796Kb / 10P
   0805 Package Chip LED (1.0mm Height)
logo
Everlight Electronics C...
17-21-BHC-XLMJY-3T EVERLIGHT-17-21-BHC-XLMJY-3T Datasheet
139Kb / 10P
   0805 Package Chip LED(1.0mm Height)
More results

Similar Description - 17-21BHC-A12P13T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-21-GVC-AMPB-3T EVERLIGHT-17-21-GVC-AMPB-3T Datasheet
161Kb / 10P
   0805 Package Chip LED(1.1mm Height)
17-21-G6C-FP1Q1B-3T EVERLIGHT-17-21-G6C-FP1Q1B-3T Datasheet
175Kb / 10P
   0805 Package Chip LED(1.1mm Height)
17-21-R7C-AN2Q1B-3T EVERLIGHT-17-21-R7C-AN2Q1B-3T Datasheet
215Kb / 10P
   0805 Package Chip LED (1.1mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-21-G6C-FN1P2B-3T TO-GRACE-17-21-G6C-FN1P2B-3T Datasheet
826Kb / 10P
   0805 Package Chip LED(1.1mm Height)
logo
Everlight Electronics C...
17-21-R6C-AP1Q2L-3T EVERLIGHT-17-21-R6C-AP1Q2L-3T Datasheet
219Kb / 10P
   0805 Package Chip LED (1.1mm Height)
17-21-G6C-FN1P2B-3T EVERLIGHT-17-21-G6C-FN1P2B-3T Datasheet
230Kb / 10P
   0805 Package Chip LED(1.1mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-21-GVC-AMPB-3T TO-GRACE-17-21-GVC-AMPB-3T Datasheet
771Kb / 10P
   0805 Package Chip LED(1.1mm Height)
17-21-R6C-AP1Q2L-3T TO-GRACE-17-21-R6C-AP1Q2L-3T Datasheet
793Kb / 10P
   0805 Package Chip LED (1.1mm Height)
17-21-G6C-FP1Q1B-3T TO-GRACE-17-21-G6C-FP1Q1B-3T Datasheet
752Kb / 10P
   0805 Package Chip LED(1.1mm Height)
logo
Everlight Electronics C...
15-11-BHC-AN1P2-2T EVERLIGHT-15-11-BHC-AN1P2-2T Datasheet
163Kb / 10P
   1206 Package Chip LED (1.1mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com