Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAP80 Datasheet(PDF) 1 Page - Power-One

Part # MAP80
Description  power supplies provides reliable, tightly-regulated DC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

MAP80 Datasheet(HTML) 1 Page - Power-One

  MAP80_06 Datasheet HTML 1Page - Power-One MAP80_06 Datasheet HTML 2Page - Power-One MAP80_06 Datasheet HTML 3Page - Power-One MAP80_06 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
RoHS lead-solder-exempt compliant
Wide-range input for 110/220 VAC applications
CE marked to Low Voltage Directive
Input transient & ESD compliance to
EN61000-4-2/-3/-4
Meets EN55022, Class B limits
TTL compatible Power Fail Signal
Greater than 175,000 Hours MTBF
Metric and SAE mounting inserts
Single Output Model Selection
MODEL
OUTPUT
ADJUSTMENT
MAXIMUM OUTPUT
PEAK OUTPUT
LINE
LOAD
RIPPLE & NOISE
INITIAL SETTING
VOLTAGE
RANGE
CURRENT
CURRENT (NOTE 3)
REGULATION
REGULATION
%p-p (NOTE 1)
ACCURACY
MAP80-1005
5V
4.5V to 5.6V
16A
18A
0.2%
1%
1.4%
5.0V to 5.1V
MAP80-1012
12V/15V
11.5V to 15.5V
7.5/6A (Note 2)
9.2/7.3A (Note 2)
0.2%
±1%
1%
11.76V to 12.15V
MAP80-1024
24V/28V
23.0V to 29.0V
3.8/3.2A (Note 2)
4.6/3.9A (Note 2)
0.1%
0.5%
0.5%
23.8V to 24.2V
NOTES: 1) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth.
2) MAP80-1012 output currents are expressed as 12V/15V operation. MAP80-1024 output currents are expressed as 24V/28V operation.
3) Peak load for 60 seconds or less are acceptable, 10% duty cycle, maximum.
Multiple Output Model Selection – 80W Continuous Output Power
MODEL
OUTPUT
ADJUSTMENT
OUTPUT
PEAK OUTPUT
LINE
LOAD
RIPPLE & NOISE
INITIAL SETTING
VOLTAGE
RANGE
CURRENT
CURRENT (NOTE 1)
REGULATION
REGULATION
%p-p (NOTE 2)
ACCURACY
+5V
4.8V to 5.5V
14A
16A
0.2%
1%
1%
5.1V to 5.2V
MAP80-4000
+12V
11.52V to 12.48V
4A
7A
0.2%
1%
1%
11.9V to 12.1V
-5V
Fixed
1A
1A
0.5%
2%
1%
-4.8V to -5.4V
-12V
Fixed
1A
1A
0.5%
2%
1%
-11.5V to -12.5V
+5V
4.8V to 5.5V
14A
16A
0.2%
1%
1%
5.1V to 5.2V
MAP80-4001
+24V
23.04V to 24.96V
2A
3.5A
0.2%
1%
1%
24.0V to 24.1V
-12V
Fixed
1A
1A
0.5%
2%
1%
-11.5V to -12.5V
+12V
Fixed
1A
1A
0.5%
2%
1%
11.5V to 12.5V
+5V
4.7V to 5.5V
14A
16A
0.2%
1%
1%
5.1V to 5.2V
MAP80-4002
+12V
11.52V to 12.48V
4A
7A
0.2%
1%
1%
12.0V to 12.1V
-12V
Fixed
1A
1A
0.5%
2%
1%
-11.6V to -12.4V
+12V
Fixed
1A
1A
0.5%
2%
1%
11.6V to 12.4V
+5V
4.8V to 5.5V
14A
16A
0.2%
1%
1%
5.1V to 5.2V
MAP80-4003
+15V
14.40V to 15.60V
3.5A
6A
0.2%
1%
1%
14.6V to 15.1V
-5V
Fixed
1A
1A
0.5%
2%
1%
-4.8V to -5.4V
-15V
Fixed
1A
1A
0.5%
2%
1%
-14.4V to -15.5V
+5V
4.8V to 5.5V
14A
16A
0.2%
1%
1%
5.1V to 5.2V
MAP80-4004
+24V
23.04V to 24.96V
2A
3.5A
0.2%
1%
1%
24.0V to 24.1V
-15V
Fixed
1A
1A
0.5%
2%
1%
-14.4V to -15.5V
+15V
Fixed
1A
1A
0.5%
2%
1%
14.4V to 15.5V
MAP80 AC-DC Series Data Sheet
JUN 07, 2006 revised to AUG 10, 2006
Page 1 of 4
www.power-one.com
Power-One’s MAP80 Series of power supplies provides reliable, tightly-regulated DC power for commercial and
industrial systems which require high peak current capabilities. Wide-range AC input and full international safety, EMI,
and ESD compliance ensure worldwide acceptance. All units bear the CE Mark.
The MAP80 utilizes a variable frequency design with a thermally efficient U-channel chassis to provide full power
operation in convection-cooled applications. Design innovations include metric and SAE mounting inserts on each
mounting surface to provide integration flexibility. Dual-mode connectors provide traditional terminal block connections
or popular single-row Molex connector mating.
Single-output models feature wide-range output adjustability to meet a wide variety of standard and user-specific
output voltage requirements.
Description


Similar Part No. - MAP80_06

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP80-1005 POWER-ONE-MAP80-1005 Datasheet
234Kb / 4P
   Wide Range Input for 110/220 VAC Applications
MAP80-1012 POWER-ONE-MAP80-1012 Datasheet
234Kb / 4P
   Wide Range Input for 110/220 VAC Applications
logo
Bel Fuse Inc.
MAP80-1012G6 BEL-MAP80-1012G6 Datasheet
684Kb / 5P
   RoHS Compliant
logo
Power-One
MAP80-1024 POWER-ONE-MAP80-1024 Datasheet
234Kb / 4P
   Wide Range Input for 110/220 VAC Applications
logo
Bel Fuse Inc.
MAP80-1024G6 BEL-MAP80-1024G6 Datasheet
684Kb / 5P
   RoHS Compliant
More results

Similar Description - MAP80_06

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP55 POWER-ONE-MAP55_06 Datasheet
111Kb / 3P
   power supplies provides reliable, tightly-regulated DC
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
   Tightly Regulated Miniature, 1W SIP DC/DC Converters
logo
Extech Instruments Corp...
382222 EXTECH-382222 Datasheet
234Kb / 3P
   DC Regulated Power Supplies
382200 EXTECH-382200 Datasheet
151Kb / 4P
   DC Regulated Power Supplies
logo
MicroPower Direct, LLC
G100R MPD-G100R Datasheet
68Kb / 2P
   Tightly Regulated, 1W Ultra-Miniature DIP DC/DC Converters
D100ER MPD-D100ER Datasheet
192Kb / 2P
   Low Cost, 1W SIP Tightly Regulated DC/DC Con vert ers
logo
Extech Instruments Corp...
382203 EXTECH-382203 Datasheet
134Kb / 4P
   Three Output DC Regulated Power Supplies
logo
List of Unclassifed Man...
W72 ETC1-W72 Datasheet
104Kb / 2P
   Single Output Regulated Power Supplies
WM056-D5 ETC1-WM056-D5 Datasheet
219Kb / 1P
   Multiple Output Regulated Power Supplies
WRI ETC1-WRI Datasheet
89Kb / 2P
   Wide Range Input Regulated Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com