Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOS4801-2RLD Datasheet(PDF) 1 Page - Power-One

Part # LOS4801-2RLD
Description  DIN-Rail Mountable AC-DC (DC-DC) Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LOS4801-2RLD Datasheet(HTML) 1 Page - Power-One

  LOS4801-2RLD Datasheet HTML 1Page - Power-One LOS4801-2RLD Datasheet HTML 2Page - Power-One LOS4801-2RLD Datasheet HTML 3Page - Power-One LOS4801-2RLD Datasheet HTML 4Page - Power-One LOS4801-2RLD Datasheet HTML 5Page - Power-One LOS4801-2RLD Datasheet HTML 6Page - Power-One LOS4801-2RLD Datasheet HTML 7Page - Power-One LOS4801-2RLD Datasheet HTML 8Page - Power-One LOS4801-2RLD Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SEP 09, 2005 revised to JUL 17, 2006
Page 1 of 12
www.power-one.com
LOS, LOR, LOK4000 Series Data Sheet
DIN-Rail Mountable AC-DC (DC-DC) Converters
15, 30, 50 Watt AC-DC (DC-DC) Converters Convert Simply
Description
The Convert Simply front-end converters represent a family of
15, 30, and 50 watt DIN-rail mountable AC-DC converters for
use as rectifiers or battery chargers. Plastic casing, compact
size, and high reliability make the LOS, LOR, LOK4000 Series
an excellent choice for space-critical applications, where a
DIN-Rail mountable AC-DC converter is required. The
universal input range and a built-in input filter allow flexible
operation in a wide variety of electronic equipment and
enables worldwide connection to the mains.
The converters are available as rectifiers with 12 V, 24 V, or 48
V single output and as battery chargers for 12 V, 24 V, or 48 V
batteries. The output voltage of LOK converters can be adjusted
via the R input.
Safety approvals fully comply with worldwide requirements.
Applications
Typical applications are: powering building controls, factory
automation, industrial controls, instrumentation, electromag-
netic drives, fans, and other DC loads.
Universal input range 100 - 240 VAC nominal
Additional DC input 90 - 250 V
Single output 5.1, 12, 24, or 48 VDC
Class I equipment
Safety according to IEC/EN 60950, UL 1950, and UL 508 2
1 LOK
2 LOS/LOR
PRODUCT SERVICE
Production monitored
Type tested
1
2
Features
• RoHS lead-solder-exempt compatible
• Extremely compact design
• Battery charger versions
• Operating ambient temperature range –10 to 50 °C
with convection cooling
• Short-circuit and no-load proof
Table of Contents
Page
Description ....................................................................... 1
Model Selection ............................................................... 2
Functional Description ..................................................... 3
Electrical Input Data ......................................................... 3
Electrical Output Data ...................................................... 4
Auxiliary Functions ........................................................... 6
Electromagnetic Compatibility (EMC) .............................. 7
Mechanical Data .............................................................. 8
Immunity to Environmental Conditions ............................. 8
Safety and Installation Instructions .................................. 9
Description of Options .................................................... 11
EC Declaration of Conformity LOS/LOR ........................ 12
Page


Similar Part No. - LOS4801-2RLD

ManufacturerPart #DatasheetDescription
logo
Power-One
LOS4301-2 POWER-ONE-LOS4301-2 Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
LOS4601-2 POWER-ONE-LOS4601-2 Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
More results

Similar Description - LOS4801-2RLD

ManufacturerPart #DatasheetDescription
logo
Power-One
LOK4240-2RLDG POWER-ONE-LOK4240-2RLDG Datasheet
359Kb / 10P
   LOS, LOR, LOK4000 Series Data Sheet DIN-Rail Mountable AC-DC (DC-DC) Converters
logo
Chinfa Electronics Ind....
VRH100-12 CHINFA-VRH100-12_10 Datasheet
405Kb / 4P
   2PH / Single PH AC - DC DIN RAIL MOUNTABLE
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
   AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
logo
Bel Fuse Inc.
LDD120 BEL-LDD120 Datasheet
575Kb / 5P
   120W DIN Rail DC/DC converters
logo
Power-One
XSERIES POWER-ONE-XSERIES Datasheet
544Kb / 22P
   375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
logo
Chinfa Electronics Ind....
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
logo
XP Power Limited
DRF50US24-N1 XPPOWER-DRF50US24-N1 Datasheet
170Kb / 2P
   AC-DC DIN Rail
logo
CUI INC
VDRS-100 CUI-VDRS-100_V01 Datasheet
592Kb / 4P
   AC-DC DIN RAIL
01/10/2017
logo
Powerbox
PBDR10 POWERBOX-PBDR10 Datasheet
226Kb / 1P
   10 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBDRN60 POWERBOX-PBDRN60 Datasheet
98Kb / 1P
   60 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com