Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOS4801-2RLD Datasheet(PDF) 3 Page - Power-One

Part # LOS4801-2RLD
Description  DIN-Rail Mountable AC-DC (DC-DC) Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LOS4801-2RLD Datasheet(HTML) 3 Page - Power-One

  LOS4801-2RLD Datasheet HTML 1Page - Power-One LOS4801-2RLD Datasheet HTML 2Page - Power-One LOS4801-2RLD Datasheet HTML 3Page - Power-One LOS4801-2RLD Datasheet HTML 4Page - Power-One LOS4801-2RLD Datasheet HTML 5Page - Power-One LOS4801-2RLD Datasheet HTML 6Page - Power-One LOS4801-2RLD Datasheet HTML 7Page - Power-One LOS4801-2RLD Datasheet HTML 8Page - Power-One LOS4801-2RLD Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SEP 09, 2005 revised to JUL 17, 2006
Page 3 of 12
www.power-one.com
LOS, LOR, LOK4000 Series Data Sheet
DIN-Rail Mountable AC-DC (DC-DC) Converters
Fig. 1
Block diagram LOK4301, LOK4601 and 4801 (rectifier
versions), all LOR and all LOS.
Functional Description
The Convert Simply 15, 30, and 50 watt front-end modules are
flyback converters with a fixed frequency of 100 kHz (LOK) or
130 kHz (LOR, LOS). The battery charger modules and the
Fig. 2
Block diagram LOK4140, LOK4240 and LOK4740 (battery
charger versions) and LOK4001- 2RLD.
LOK4001-2RLD have a rectangular V/I output characteristic.
The rectifier modules have overload protection working in a
hiccup mode.
Electrical Input Data
General Condition: TA = 25 °C unless otherwise specified
Table 2: Input data
Characteristics
LOS
LOR
LOK
Unit
Vi rated
Rated input voltage range
100 - 240
100 - 240
100 - 240
VAC
Vi nom
Nominal input voltage
230
230
230
Vi
Operating input voltage range
85 - 264
85 - 264
85 - 264
90 - 250
90 - 250
90 - 250
VDC
fi
Nominal line frequency
50 - 60
50 - 60
50 - 60
Hz
Ii
Input current at 115/230 VAC 1
0.3/0.15
0.52/0.26
0.8/0.4
A
l i nl
Input current at 230 VAC and no load
0.035
l inr max
Peak inrush current at Vi = 230 V 2
18
18
19
1 At Io nom.
2 Inrush current limitation by a 16
Ω NTC resistor.
L
Vo+
Vo–
R
03094
Vo+
Vo–
N
1
3
4
5
6
7
8
NTC
2
opt. F
L
Vo+
Vo–
R
03095
Vo–
N
2
1
3
5
6
7
NTC
8
D
opt. F
4


Similar Part No. - LOS4801-2RLD

ManufacturerPart #DatasheetDescription
logo
Power-One
LOS4301-2 POWER-ONE-LOS4301-2 Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
LOS4601-2 POWER-ONE-LOS4601-2 Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
More results

Similar Description - LOS4801-2RLD

ManufacturerPart #DatasheetDescription
logo
Power-One
LOK4240-2RLDG POWER-ONE-LOK4240-2RLDG Datasheet
359Kb / 10P
   LOS, LOR, LOK4000 Series Data Sheet DIN-Rail Mountable AC-DC (DC-DC) Converters
logo
Chinfa Electronics Ind....
VRH100-12 CHINFA-VRH100-12_10 Datasheet
405Kb / 4P
   2PH / Single PH AC - DC DIN RAIL MOUNTABLE
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
   AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
logo
Bel Fuse Inc.
LDD120 BEL-LDD120 Datasheet
575Kb / 5P
   120W DIN Rail DC/DC converters
logo
Power-One
XSERIES POWER-ONE-XSERIES Datasheet
544Kb / 22P
   375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
logo
Chinfa Electronics Ind....
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
logo
XP Power Limited
DRF50US24-N1 XPPOWER-DRF50US24-N1 Datasheet
170Kb / 2P
   AC-DC DIN Rail
logo
CUI INC
VDRS-100 CUI-VDRS-100_V01 Datasheet
592Kb / 4P
   AC-DC DIN RAIL
01/10/2017
logo
Powerbox
PBDR10 POWERBOX-PBDR10 Datasheet
226Kb / 1P
   10 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBDRN60 POWERBOX-PBDRN60 Datasheet
98Kb / 1P
   60 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com