Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6218P282NR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6218P282NR
Description  Low Power Supply LDO Regulators Ultra Small Packages
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6218P282NR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6218P282NR Datasheet HTML 3Page - Torex Semiconductor XC6218P282NR Datasheet HTML 4Page - Torex Semiconductor XC6218P282NR Datasheet HTML 5Page - Torex Semiconductor XC6218P282NR Datasheet HTML 6Page - Torex Semiconductor XC6218P282NR Datasheet HTML 7Page - Torex Semiconductor XC6218P282NR Datasheet HTML 8Page - Torex Semiconductor XC6218P282NR Datasheet HTML 9Page - Torex Semiconductor XC6218P282NR Datasheet HTML 10Page - Torex Semiconductor XC6218P282NR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/22
XC6218
Series
<Output Voltage Regulator Control>
The XC6218 series consists of a reference voltage source, an error amplifier, current limit circuit, and a phase
compensation circuit plus a driver transistor.
The voltage, divided by resistors R11 & R12, which are connected to the
VOUT pin is compared with the internal reference voltage by the error amplifier.
The P-channel MOSFET, which is
connected to the VOUT pin, is then driven by the subsequent output signal.
The output voltage at the VOUT pin is
controlled & stabilized by negative feedback.
The current limit circuit and short circuit protection operate in relation to
the level of output current.
<Current Limit, Short-Circuit Protection>
The XC6218 series includes a current limit circuit, which aid the operations of the current limiter and short-circuit
protection.
When the load current reaches the current limit level (300mA, TYP.), the current limiter circuit operates and
output voltage drops.
The circuit operates to decrease the current limit as the load impedance decreases further and
the output voltage drops.
When the output pin is shorted, a current of about 50mA flows.
NOTES ON USE
1.
Please use this IC within the stated absolute maximum ratings.
The IC is liable to malfunction should the ratings be
exceeded.
2.
Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output
current.
3.
The XC6218 series oscillates normally even without an input capacitor, CIN, or an output capacitor, CL, because the series
compensates by the phase compensation circuit.
However, when an input wiring is long, about 0.1
μF to 1.0μF of the input capacitor,
CIN, is required for stabilizing input.
When an under-shoot or over-shoot is large at transient response, about 0.1
μF to 1.0μF of
output capacitor, which prevents output fluctuation occurred by load fluctuation, is also recommended.
Please wire the input
capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
Please wire the input capacitor (CIN) and
the output capacitor (CL) as close to the IC as possible.
4.
When the input voltage starts from 0V, over-shoot may occur because of the slope of the input rising.
In order to avoid
the over-shoot, please use the IC by setting the slope of the input rising within 0.1V/ms.
■OPERATIONAL EXPLANATION


Similar Part No. - XC6218P282NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6218P252NR-G TOREX-XC6218P252NR-G Datasheet
406Kb / 22P
   Low Power Supply LDO Regulators(Ultra Small Packages)
More results

Similar Description - XC6218P282NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6218P252NR-G TOREX-XC6218P252NR-G Datasheet
406Kb / 22P
   Low Power Supply LDO Regulators(Ultra Small Packages)
XC6218 TOREX-XC6218_1 Datasheet
385Kb / 22P
   Low Power Supply LDO Regulators (Ultra Small Packages)
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Torex Semiconductor
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
logo
Maxim Integrated Produc...
MAX8556 MAXIM-MAX8556_09 Datasheet
222Kb / 10P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
MAX8556 MAXIM-MAX8556 Datasheet
228Kb / 11P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 0; 4/04
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Texas Instruments
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com